Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK397-010 Datasheet (PDF) - Sanyo Semicon Device

STK397-010 Datasheet PDF - Sanyo Semicon Device
Part # STK397-010
Download  STK397-010 Download
File Size   66.32 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Electromagnetic Focus Output 1-Channel Amplifier(Ic max=2A)

STK397-010 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK397-010 Datasheet PDF - Sanyo Semicon Device

Part # STK397-010
Download  STK397-010 Click to download

File Size   66.32 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Electromagnetic Focus Output 1-Channel Amplifier(Ic max=2A)

STK397-010 Datasheet (HTML) - Sanyo Semicon Device


STK397-010 Product details

Overview
The STK396-010 is a dynamic focus output amplifier IC developed for the electromagnetic focus in CRT-type projection color TVs. It can be used to drive 3 focus coils connected in series for high withstand voltage designs.

Applications
CRT-type color projection TVs
• General models
• High-quality TVs
• Ultrahigh definition projection displays




Similar Part No. - STK397-010

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK397-010 SANYO-STK397-010 Datasheet
62Kb / 3P
Electromagnetic Focus Output 2-Channel Amplifier(Ic max=1.5A)?
More results


Similar Description - STK397-010

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK397-010 SANYO-STK397-010 Datasheet
62Kb / 3P
Electromagnetic Focus Output 2-Channel Amplifier(Ic max=1.5A)?
STK79315A SANYO-STK79315A Datasheet
115Kb / 6P
Vertical Deflection Processor Output Amplifier for CRT Displays (Io max = 2A)
logo
Macronix International
MX171 MCNIX-MX171 Datasheet
37Kb / 7P
AMPLITUDE TYPE AUTO FOCUS IC
MX172 MCNIX-MX172 Datasheet
40Kb / 6P
TRIANGULAR TYPE AUTO FOCUS IC
logo
Sanyo Semicon Device
STK4275 SANYO-STK4275 Datasheet
117Kb / 4P
FOCUS OUTPUT POWER AMP
logo
Princeton Technology Co...
PT5100 PTC-PT5100 Datasheet
137Kb / 4P
Auto Focus Motor Driver IC
PT5662 PTC-PT5662 Datasheet
223Kb / 5P
Auto Focus Motor Driver IC
logo
SHANGHAI BELLING CO., L...
BL8578 BELLING-BL8578_16 Datasheet
1Mb / 6P
Max.2A Li-ion Switching Charger IC
logo
ACE Technology Co., LTD...
ACE4108 ACE-ACE4108 Datasheet
843Kb / 10P
Max.2A Li-ion Switching Charger IC
VER 1.1
logo
TiMOTION Technology Co....
TP9 TIMOTION-TP9 Datasheet
347Kb / 3P
Max. output 36V DC, 2A
20210902-J
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com