Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGH30N120B3D1 Datasheet (PDF) - IXYS Corporation

IXGH30N120B3D1 Datasheet PDF - IXYS Corporation
Part # IXGH30N120B3D1
Download  IXGH30N120B3D1 Download
File Size   221.58 Kbytes
Page   7 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description GenX3 1200V IGBT

IXGH30N120B3D1 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXGH30N120B3D1 Datasheet PDF - IXYS Corporation

Part # IXGH30N120B3D1
Download  IXGH30N120B3D1 Click to download

File Size   221.58 Kbytes
Page   7 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description GenX3 1200V IGBT

IXGH30N120B3D1 Datasheet (HTML) - IXYS Corporation


IXGH30N120B3D1 Product details

High speed Low Vsat PT

IGBTs 3-20 kHz switching



VCES = 1200V

IC110 = 30A

VCE(sat) ≤£ 3.5
V

Tfi(typ) = 204ns



Features

Optimized for low conduction and switching losses

Square RBSOA

Anti-parallel ultra fast diode

International standard packages



Applications

Power Inverters

UPS

Motor Drives

SMPS

PFC Circuits

Welding Machines




Similar Part No. - IXGH30N120B3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH30N120B3 IXYS-IXGH30N120B3 Datasheet
217Kb / 6P
GenX3 1200V IGBTs
More results


Similar Description - IXGH30N120B3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA20N120B3 IXYS-IXGA20N120B3 Datasheet
218Kb / 6P
GenX3 1200V IGBT
IXGA24N120C3 IXYS-IXGA24N120C3 Datasheet
196Kb / 6P
GenX3 1200V IGBT
IXGH24N120C3H1 IXYS-IXGH24N120C3H1 Datasheet
146Kb / 6P
GenX3 1200V IGBT
IXGH30N120C3H1 IXYS-IXGH30N120C3H1 Datasheet
188Kb / 6P
GenX3 1200V IGBT
IXGH32N120A3 IXYS-IXGH32N120A3 Datasheet
202Kb / 6P
GenX3 1200V
IXGH40N120C3 IXYS-IXGH40N120C3 Datasheet
177Kb / 6P
GenX3 1200V IGBT
IXGH50N120C3 IXYS-IXGH50N120C3 Datasheet
176Kb / 6P
GenX3 1200V IGBT
IXYH50N120C3 IXYS-IXYH50N120C3 Datasheet
176Kb / 6P
1200V XPT IGBT GenX3
IXYH82N120C3 IXYS-IXYH82N120C3 Datasheet
173Kb / 6P
1200V XPT IGBT GenX3
IXYH40N120C3 IXYS-IXYH40N120C3 Datasheet
173Kb / 6P
1200V XPT IGBT GenX3
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com