Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGH32N100A3 Datasheet (PDF) - IXYS Corporation

IXGH32N100A3 Datasheet PDF - IXYS Corporation
Part # IXGH32N100A3
Download  IXGH32N100A3 Download
File Size   129.56 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description GenX3 1000V IGBT

IXGH32N100A3 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXGH32N100A3 Datasheet PDF - IXYS Corporation

Part # IXGH32N100A3
Download  IXGH32N100A3 Click to download

File Size   129.56 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description GenX3 1000V IGBT

IXGH32N100A3 Datasheet (HTML) - IXYS Corporation




Similar Part No. - IXGH32N100A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH32N120A3 IXYS-IXGH32N120A3 Datasheet
202Kb / 6P
GenX3 1200V
IXGH32N170 IXYS-IXGH32N170 Datasheet
588Kb / 5P
High Voltage IGBT
IXGH32N170A IXYS-IXGH32N170A Datasheet
578Kb / 5P
High Voltage IGBT
More results


Similar Description - IXGH32N100A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA20N120B3 IXYS-IXGA20N120B3 Datasheet
218Kb / 6P
GenX3 1200V IGBT
IXGA30N60C3 IXYS-IXGA30N60C3 Datasheet
281Kb / 6P
GenX3 600V IGBT
IXGA36N60A3 IXYS-IXGA36N60A3 Datasheet
227Kb / 6P
GenX3 600V IGBT
IXGA48N60A3 IXYS-IXGA48N60A3 Datasheet
228Kb / 6P
GenX3 600V IGBT
IXGB200N60B3 IXYS-IXGB200N60B3 Datasheet
204Kb / 6P
GenX3 600V IGBT
IXGH56N60A3 IXYS-IXGH56N60A3 Datasheet
183Kb / 6P
GenX3 600V IGBT
IXGH60N30C3 IXYS-IXGH60N30C3 Datasheet
47Kb / 2P
GenX3 300V IGBT
IXGH64N60A3 IXYS-IXGH64N60A3 Datasheet
200Kb / 6P
GenX3 600V IGBT
IXGH90N60B3 IXYS-IXGH90N60B3 Datasheet
180Kb / 6P
GenX3 600V IGBT
IXGH120N30B3 IXYS-IXGH120N30B3 Datasheet
168Kb / 5P
GenX3 300V IGBT
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com