Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGH36N60B3D1 Datasheet (PDF) - IXYS Corporation

IXGH36N60B3D1 Datasheet PDF - IXYS Corporation
Part # IXGH36N60B3D1
Download  IXGH36N60B3D1 Download
File Size   180.77 Kbytes
Page   7 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description GenX3 600V IGBT w/ Diode

IXGH36N60B3D1 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXGH36N60B3D1 Datasheet PDF - IXYS Corporation

Part # IXGH36N60B3D1
Download  IXGH36N60B3D1 Click to download

File Size   180.77 Kbytes
Page   7 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description GenX3 600V IGBT w/ Diode

IXGH36N60B3D1 Datasheet (HTML) - IXYS Corporation


IXGH36N60B3D1 Product details

Medium-Speed Low-Vsat PT IGBT
for 5 - 40kHz Switching

Features
• Optimized for Low Conduction and
   Switching Losses
• Square RBSOA
• Anti-Parallel Ultra Fast Diode
• International Standard Package

Advantages
• High Power Density
• Low Gate Drive Requirement

Applications
• Power Inverters
• UPS
• Motor Drives
• SMPS
• PFC Circuits
• Battery Chargers
• Welding Machines
• Lamp Ballasts




Similar Part No. - IXGH36N60B3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH36N60B3D1 IXYS-IXGH36N60B3D1 Datasheet
839Kb / 4P
600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
More results


Similar Description - IXGH36N60B3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA30N60C3D4 IXYS-IXGA30N60C3D4 Datasheet
294Kb / 7P
GenX3 600V IGBT With Diode
IXGB200N60B3 IXYS-IXGB200N60B3 Datasheet
204Kb / 6P
GenX3 600V IGBT
IXGH30N60C3D1 IXYS-IXGH30N60C3D1 Datasheet
215Kb / 7P
GenX3 600V IGBT with Diode
IXGH36N60A3D4 IXYS-IXGH36N60A3D4 Datasheet
204Kb / 7P
GenX3 600V IGBT with Diode
IXGH48N60A3D1 IXYS-IXGH48N60A3D1 Datasheet
169Kb / 7P
GenX3 600V IGBT with Diode
IXGH48N60B3D1 IXYS-IXGH48N60B3D1 Datasheet
208Kb / 7P
GenX3 600V IGBT with Diode
IXGH48N60C3D1 IXYS-IXGH48N60C3D1 Datasheet
209Kb / 7P
GenX3 600V IGBT with Diode
IXGK64N60B3D1 IXYS-IXGK64N60B3D1 Datasheet
188Kb / 7P
GenX3 600V IGBT with Diode
IXGK72N60A3H1 IXYS-IXGK72N60A3H1 Datasheet
235Kb / 7P
GenX3 600V IGBT w/Diode
IXGK72N60B3H1 IXYS-IXGK72N60B3H1 Datasheet
229Kb / 7P
GenX3 600V IGBT with Diode
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com