Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK402-030 Datasheet (PDF) - Sanyo Semicon Device

STK402-030 Datasheet PDF - Sanyo Semicon Device
Part # STK402-030
Download  STK402-030 Download
File Size   62.58 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Two-Channel Class AB Audio Power Amplifier IC 20 W 20 W

STK402-030 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK402-030 Datasheet PDF - Sanyo Semicon Device

Part # STK402-030
Download  STK402-030 Click to download

File Size   62.58 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Two-Channel Class AB Audio Power Amplifier IC 20 W 20 W

STK402-030 Datasheet (HTML) - Sanyo Semicon Device




Similar Part No. - STK402-030

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK402-030 SANYO-STK402-030 Datasheet
64Kb / 6P
Two-Channel Class AB Audio Power Amplifier IC 40W 40W
STK402-030 SANYO-STK402-030 Datasheet
54Kb / 5P
Two-Channel Class AB Audio Power Amplifier IC 50 W 50 W
More results


Similar Description - STK402-030

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4628 SANYO-LA4628 Datasheet
98Kb / 8P
Two-Channel 20 W BTL Audio Power Amplifier
STK402-090 SANYO-STK402-090 Datasheet
54Kb / 5P
Two-Channel Class AB Audio Power Amplifier IC 50 W 50 W
STK402-270 SANYO-STK402-270 Datasheet
112Kb / 4P
Three-Channel Class AB Audio Power Amplifier IC 40 W 40 W 40 W
logo
NEC
UPC1188H NEC-UPC1188H Datasheet
188Kb / 3P
20 W AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3100D2 TI-TPA3100D2 Datasheet
2Mb / 31P
20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Sanyo Semicon Device
STK403-430 SANYO-STK403-430 Datasheet
135Kb / 8P
Six-Channel Class AB Audio Power Amplifier IC 20 W X 6 Channels
logo
STMicroelectronics
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
933Kb / 26P
20 W 20 W dual BTL class-D audio amplifier
11-Dec-2007
logo
Eutech Microelectronics...
EUA2123 EUTECH-EUA2123 Datasheet
167Kb / 1P
20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI-TPA3100D2-Q1_15 Datasheet
1Mb / 38P
20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com