Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK401-080 Datasheet (PDF) - Sanyo Semicon Device

STK401-080 Datasheet PDF - Sanyo Semicon Device
Part # STK401-080
Download  STK401-080 Download
File Size   184.31 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%

STK401-080 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK401-080 Datasheet PDF - Sanyo Semicon Device

Part # STK401-080
Download  STK401-080 Click to download

File Size   184.31 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%

STK401-080 Datasheet (HTML) - Sanyo Semicon Device


STK401-080 Product details

Overview
The STK400-030 is a 3-channel AF power amplifier IC supporting multichannel speakers. One package includes 20W×3ch for Lch, Rch and Cch. It is pin compatible with both 3-channel output devices (STK400-*00 series) and 2-channel output devices (STK401-*00 series). The output load impedance is 6/3Ω.

Features
• New series combining 3-channel output devices (STK400-*00 series) and 2-channel output devices (STK401-*00 series) with the same pin compatibility.
• Output load impedance is 6/3Ω.
• Pin assignment is grouped into individual blocks of inputs, outputs and supply lines, minimizing the adverse effects of pattern layout on operating characteristics.
• Minimum number of external components required.




Similar Part No. - STK401-080

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-080 SANYO-STK401-080 Datasheet
403Kb / 10P
3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK401-080 SANYO-STK401-080 Datasheet
183Kb / 6P
AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
STK401-080 SANYO-STK401-080 Datasheet
334Kb / 9P
AF Power Amplifier (Split Power Supply) (25 W 25 W 25 W min, THD = 0.4%)
STK401-080 SANYO-STK401-080 Datasheet
532Kb / 9P
AF Power Amplifier (Split Power Supply) (30 W 30 W 30 W min, THD = 0.4%)
STK401-080 SANYO-STK401-080 Datasheet
186Kb / 6P
AF Power Amplifier (Split Power Supply) (35 W 35 W 35 W min, THD = 0.4%)?
More results


Similar Description - STK401-080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7497 STMICROELECTRONICS-TDA7497 Datasheet
40Kb / 5P
10W10W10W/15W TRIPLE AMPLIFIER
Sep-1995
logo
Sanyo Semicon Device
STK400-490 SANYO-STK400-490 Datasheet
267Kb / 8P
3ch AF Power Amplifier (Split Power Supply) (25 W 25 W 25 W, THD = 0.4%)?
STK4030II SANYO-STK4030II Datasheet
104Kb / 4P
AF Power Amplifier (Split Power Supply) (35W min, THD = 0.4%)?
STK4032II SANYO-STK4032II Datasheet
43Kb / 3P
AF Power Amplifier (Split Power Supply) (40W min, THD = 0.4%)???
STK4036II SANYO-STK4036II Datasheet
69Kb / 3P
AF Power Amplifier (Split Power Supply) (50W min, THD = 0.4%)
STK4050II SANYO-STK4050II Datasheet
82Kb / 3P
AF Power Amplifier (Split Power Supply) (200W min, THD = 0.4%)
STK4112II SANYO-STK4112II Datasheet
242Kb / 8P
AF Power Amplifier (Split Power Supply) (10W 10W min, THD = 0.4%)
STK4362 SANYO-STK4362 Datasheet
441Kb / 6P
AF Power Amplifier (10W 10W min, THD = 1.0%)
logo
STMicroelectronics
TDA7297D STMICROELECTRONICS-TDA7297D Datasheet
177Kb / 11P
10W10W DUAL BRIDGE AMPLIFIER
May-2004
logo
NEC
UPC1238 NEC-UPC1238 Datasheet
270Kb / 6P
10W AF POWER AMPLIFIER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com