Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDAD101H2.5F Datasheet (PDF) - Solid States Devices, Inc

SDAD101H2.5F Datasheet PDF - Solid States Devices, Inc
Part # SDAD101H2.5F
Download  SDAD101H2.5F Download
File Size   74.28 Kbytes
Page   1 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER

SDAD101H2.5F Datasheet (PDF)

Go To PDF Page Download Datasheet
SDAD101H2.5F Datasheet PDF - Solid States Devices, Inc

Part # SDAD101H2.5F
Download  SDAD101H2.5F Click to download

File Size   74.28 Kbytes
Page   1 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER

SDAD101H2.5F Datasheet (HTML) - Solid States Devices, Inc


SDAD101H2.5F Product details

FEATURES:

Stackable to 600 kV+

PIV 2.5 kV to 15 kV

Fast Reverse Recovery Time

Only Hermetically Sealed Rectifiers Used

Controlled Avalanche Rated

Modular Design for Easy Stacking

Storage and Operating Temps -65°C to +150°C

Available in Standard, Ultra Fast and Hyper Fast Versions

TX, TXV, and S-Level Screening Available2/

Replacement Upgrade – Microsemi / Unitrode Types UFB2.5 Through UFS10




Similar Part No. - SDAD101H2.5F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDAD101H2.5 SSDI-SDAD101H2.5 Datasheet
37Kb / 1P
2,500 to 15,000 VOLTS STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101H2.5 SSDI-SDAD101H2.5 Datasheet
74Kb / 1P
STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101H2.5UF SSDI-SDAD101H2.5UF Datasheet
36Kb / 1P
2,500 to 15,000 VOLTS ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101H2.5UF SSDI-SDAD101H2.5UF Datasheet
73Kb / 1P
ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
More results


Similar Description - SDAD101H2.5F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDAD102F SSDI-SDAD102F Datasheet
40Kb / 1P
2,500 to 15,000 VOLTS FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101 SSDI-SDAD101_1 Datasheet
74Kb / 1P
STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101M2.5HF SSDI-SDAD101M2.5HF Datasheet
72Kb / 1P
Hyper Fast Recovery STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101UF SSDI-SDAD101UF_1 Datasheet
73Kb / 1P
ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102 SSDI-SDAD102_1 Datasheet
77Kb / 1P
STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102F SSDI-SDAD102F_1 Datasheet
77Kb / 1P
FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102UF SSDI-SDAD102UF_1 Datasheet
76Kb / 1P
ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD103 SSDI-SDAD103_1 Datasheet
80Kb / 1P
STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD103F SSDI-SDAD103F_1 Datasheet
80Kb / 1P
FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD103UF SSDI-SDAD103UF_1 Datasheet
79Kb / 1P
ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com