Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1343 Datasheet (PDF) - Maxim Integrated Products

DS1343 Datasheet PDF - Maxim Integrated Products
Part # DS1343
Download  DS1343 Download
File Size   1146.44 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Current SPI/3-Wire RTCs Low Timekeeping Current of 250nA (typ)

DS1343 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1343 Datasheet PDF - Maxim Integrated Products

Part # DS1343
Download  DS1343 Click to download

File Size   1146.44 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Current SPI/3-Wire RTCs Low Timekeeping Current of 250nA (typ)

DS1343 Datasheet (HTML) - Maxim Integrated Products


DS1343 Product details

General Description
The DS1343/DS1344 low-current real-time clocks (RTCs) are timekeeping devices that provide an extremely low standby current, permitting longer life from a backup supply source. The devices also support high-ESR crystals, broadening the pool of usable crystals for the devices. The clock/calendar provides seconds, minutes, hours, day, date, month, and year information. The date at the end of the month is automatically adjusted for months with fewer than 31 days, including corrections for leap year. The clock operates in either 24-hour or 12-hour format with an AM/PM indicator.

Features
♦ Low Timekeeping Current of 250nA (typ)
♦ Compatible with Crystal ESR Up to 100kΩ
♦ Versions Available to Support Either 6pF or 12.5pF Crystals
♦ RTC Counts Seconds, Minutes, Hours, Day, Date, Month, and Year with Leap Year Compensation Valid Through 2099
♦ Power-Fail and Switch Circuitry
♦ Three Operating Voltages
    1.8V ±5%
    3.0V±10%
    3.3V ±10%
♦ Trickle-Charge Capability
♦ Maintain Time Down to 1.15V (typ)
♦ Support Motorola SPI Modes 1 and 3, or Standard 3-Wire Interface
♦ Burst Mode for Reading/Writing Successive Addresses in Clock/RAM
♦ 96-Byte Battery-Backed NV RAM for Data Storage
♦ Two Time-of-Day Alarms with Two Interrupt Outputs
♦ Industrial Temperature Range
♦ 20-Pin TSSOP or 14-Pin TDFN Package
♦ Underwriters Laboratories (UL) Recognized

Applications
    Medical
    Handheld Devices
    Telematics
    Embedded Timestamping




Similar Part No. - DS1343

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1343 MAXIM-DS1343 Datasheet
1Mb / 20P
Low-Current SPI/3-Wire RTCs
Rev 1; 12/11
DS1343_1112 MAXIM-DS1343_1112 Datasheet
1Mb / 20P
Low-Current SPI/3-Wire RTCs
Rev 1; 12/11
More results


Similar Description - DS1343

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1390 MAXIM-DS1390 Datasheet
742Kb / 24P
Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 0; 7/04
DS1390 MAXIM-DS1390_07 Datasheet
380Kb / 25P
Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 1; 1/07
DS1390 MAXIM-DS1390_09 Datasheet
388Kb / 26P
Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 3; 8/09
DS1341 MAXIM-DS1341 Datasheet
799Kb / 14P
Low-Current I2C RTCs for High-ESR Crystals
Rev 0; 10/09
DS1341 MAXIM-DS1341_10 Datasheet
1Mb / 16P
Low-Current I2C RTCs for High-ESR Crystals
Rev 1; 12/10
DS1343_1112 MAXIM-DS1343_1112 Datasheet
1Mb / 20P
Low-Current SPI/3-Wire RTCs
Rev 1; 12/11
DS1341 MAXIM-DS1341_12 Datasheet
1Mb / 16P
Low-Current I2C RTCs for High-ESR Crystals
Rev 2; 1/12
logo
Fairchild Semiconductor
KA3842ACS FAIRCHILD-KA3842ACS Datasheet
127Kb / 6P
Low start current 0.2mA (Typ.)
logo
Leshan Radio Company
LR339 LRC-LR339_15 Datasheet
134Kb / 6P
Low input biasing current: 25nA(Typ.)
logo
Infineon Technologies A...
IFX30081LDV33 INFINEON-IFX30081LDV33 Datasheet
1Mb / 26P
Ultra Low Quiescent Current of typ. 5.5
Rev.1.0, 2015-09-14
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com