Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40WS Datasheet (PDF) - Shenzhen Ping Sheng Electronics Co., Ltd.

BAS40WS Datasheet PDF - Shenzhen Ping Sheng Electronics Co., Ltd.
Part # BAS40WS
Download  BAS40WS Download
File Size   503.25 Kbytes
Page   3 Pages
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.
Description SURFACE MOUNT SCHOTTKY DIODES

BAS40WS Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS40WS Datasheet PDF - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # BAS40WS
Download  BAS40WS Click to download

File Size   503.25 Kbytes
Page   3 Pages
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.
Description SURFACE MOUNT SCHOTTKY DIODES

BAS40WS Datasheet (HTML) - Shenzhen Ping Sheng Electronics Co., Ltd.


BAS40WS Product details

VOLTAGE 40 Volts CURRENT 0.2 Ampers
​​​​​​​
FEATURES
• Fast switching speed
• Surface mount package ideally suited for automatic insertion
   Electrical identical standard JEDEC
• High conductor
• Both normal and Pb free product are available :
   Normal : 80~95% Sn, 5~20% Pb
   Pb free: 98.5% Sn above

MECHANICAL DATA
• Case: SOD-323, Plastic
• Terminals: Solderable per MIL-STD-202, Method 208
• Approx. Weight: 0.0052 gram
• Marking: S40




Similar Part No. - BAS40WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAS40WS JIANGSU-BAS40WS Datasheet
243Kb / 3P
SCHOTTKY DIODE
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAS40WS KEXIN-BAS40WS Datasheet
38Kb / 1P
Surface Mount Schottky Barrier Diode
logo
SEMTECH ELECTRONICS LTD...
BAS40WS SEMTECH_ELEC-BAS40WS Datasheet
313Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Similar Description - BAS40WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
RB501V-40-AU PANJIT-RB501V-40-AU Datasheet
77Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54FN2-AU PANJIT-BAT54FN2-AU_17 Datasheet
137Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54WS-AU PANJIT-BAT54WS-AU_17 Datasheet
198Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAS100AS PANJIT-BAS100AS Datasheet
149Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAS100CS PANJIT-BAS100CS Datasheet
147Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com