Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9632 Datasheet (PDF) - Maxim Integrated Products

MAX9632 Datasheet PDF - Maxim Integrated Products
Part # MAX9632
Download  MAX9632 Download
File Size   2405.59 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 36V, Precision, Low-Noise, Wide-Band Amplifier 8-Pin SO and TDFN Packages

MAX9632 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9632 Datasheet PDF - Maxim Integrated Products

Part # MAX9632
Download  MAX9632 Click to download

File Size   2405.59 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 36V, Precision, Low-Noise, Wide-Band Amplifier 8-Pin SO and TDFN Packages

MAX9632 Datasheet (HTML) - Maxim Integrated Products


MAX9632 Product details

General Description

The MAX9632 is a low-noise, precision, wide-band operational amplifier that can operate in a very wide +4.5V to +36V supply voltage range. The IC operates in dual (±18V) mode.



Features

 0.94nV/√HzUltra-Low Input Voltage Noise

 Very Fast 600ns Settling Time to 16-Bit Accuracy

 THD of -128dB at 10kHz

 Low Input Offset Voltage 125µV (max)

 Low Input Offset Temperature Drift 0.5µV/°C (max)

 Gain-Bandwidth Product 55MHz

 +4.5V to +36V Wide Supply Range

 Rail-to-Rail Output

 Unity-Gain Stable

 8-Pin SO and TDFN Packages

 ESD 8kV HBM and 1kV CDM



Applications

High-Resolution ADC Drivers

High-Resolution DAC Buffers

Medical Imaging

Low-Noise Signal Processing

Test and Measurement Systems

ATE




Similar Part No. - MAX9632

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9632 MAXIM-MAX9632 Datasheet
1Mb / 14P
36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 2; 8/11
MAX9632 MAXIM-MAX9632 Datasheet
2Mb / 15P
36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 3; 10/11
MAX9632 MAXIM-MAX9632 Datasheet
202Kb / 6P
Fully Assembled and Tested
Rev 1; 2/14
MAX9632ASA MAXIM-MAX9632ASA Datasheet
2Mb / 15P
36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 3; 10/11
MAX9632ASA+ MAXIM-MAX9632ASA+ Datasheet
1Mb / 14P
36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 2; 8/11
More results


Similar Description - MAX9632

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
55GN01S SANYO-55GN01S Datasheet
31Kb / 6P
UHF Wide-band Low-noise Amplifier Applications
55GN01M SANYO-55GN01M Datasheet
29Kb / 5P
UHF Wide-band Low-noise Amplifier Applications
logo
NEC
UPG100B NEC-UPG100B Datasheet
57Kb / 4P
LOW NOISE WIDE-BAND AMPLIFIER
logo
New Japan Radio
NJG1140KA1 NJRC-NJG1140KA1 Datasheet
318Kb / 9P
WIDE BAND LOW NOISE AMPLIFIER GaAs MMIC
logo
Maxim Integrated Produc...
MAX5054 MAXIM-MAX5054_11 Datasheet
267Kb / 15P
4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
Rev 3; 3/11
MAX9632_1108 MAXIM-MAX9632_1108 Datasheet
1Mb / 14P
36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 2; 8/11
MAX9632_1110 MAXIM-MAX9632_1110 Datasheet
2Mb / 15P
36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 3; 10/11
logo
Sanyo Semicon Device
55GN01MA SANYO-55GN01MA_12 Datasheet
418Kb / 8P
UHF Wide-band Low-noise Amplifier Applications
logo
New Japan Radio
NJG1152KA1 NJRC-NJG1152KA1 Datasheet
578Kb / 28P
Wide Band Low Noise Amplifier GaAs MMIC
logo
Maxim Integrated Produc...
MAX9632 MAXIM-MAX9632_V01 Datasheet
646Kb / 11P
36V, Precision, Low-Noise, Wide-Band Amplifier
2014
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com