Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP650F Datasheet (PDF) - Infineon Technologies AG

BFP650F Datasheet PDF - Infineon Technologies AG
Part # BFP650F
Download  BFP650F Download
File Size   129.99 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon Germanium RF Transistor

BFP650F Datasheet (PDF)

Go To PDF Page Download Datasheet
BFP650F Datasheet PDF - Infineon Technologies AG

Part # BFP650F
Download  BFP650F Click to download

File Size   129.99 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon Germanium RF Transistor

BFP650F Datasheet (HTML) - Infineon Technologies AG


BFP650F Product details

Linear Low Noise SiGe:C Bipolar RF Transistor

• For medium power amplifiers and driver stages
• Based on Infineon s reliable high volume Silicon
   Germanium technology
• High OIP3 and P-1dB
• Ideal for low phase noise oscilators
• Maxim. available Gain G
   ma = 21.5 dB at 1.8 GHz
   Minimun noise figure NFmin = 0.8 dB at 1.8 GHz
• Pb-free (RoHS compliant) and halogen-free thin small
   flat package with visible leads
• Qualification report according to AEC-Q101 available




Similar Part No. - BFP650F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP650F INFINEON-BFP650F Datasheet
556Kb / 7P
Linear Low Noise SiGe:C Bipolar RF Transistor
2013-09-06
BFP650F INFINEON-BFP650F_13 Datasheet
556Kb / 7P
Linear Low Noise SiGe:C Bipolar RF Transistor
2013-09-06
More results


Similar Description - BFP650F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP640F INFINEON-BFP640F Datasheet
190Kb / 6P
NPN Silicon Germanium RF Transistor
Mar-11-2004
BFP620E7764 INFINEON-BFP620E7764 Datasheet
196Kb / 7P
NPN Silicon Germanium RF Transistor
Jul-03-2003
logo
California Eastern Labs
NESG260234 CEL-NESG260234 Datasheet
362Kb / 11P
NPN SILICON GERMANIUM RF TRANSISTOR
NESG3033M14 CEL-NESG3033M14 Datasheet
281Kb / 7P
NPN SILICON GERMANIUM RF TRANSISTOR
logo
Renesas Technology Corp
NESG340033 RENESAS-NESG340033 Datasheet
224Kb / 12P
NPN Silicon Germanium RF Transistor
logo
Infineon Technologies A...
BFP640H6327 INFINEON-BFP640H6327 Datasheet
154Kb / 10P
NPN Silicon Germanium RF Transistor
2007-05-29
logo
Renesas Technology Corp
NESG204619 RENESAS-NESG204619 Datasheet
302Kb / 10P
NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2046M33 RENESAS-NESG2046M33 Datasheet
240Kb / 10P
NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2107M33 RENESAS-NESG2107M33 Datasheet
244Kb / 11P
NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG250134 RENESAS-NESG250134 Datasheet
342Kb / 16P
NPN SILICON GERMANIUM RF TRANSISTOR
2004
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com