Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGR405 Datasheet (PDF) - Infineon Technologies AG

BGR405 Datasheet PDF - Infineon Technologies AG
Part # BGR405
Download  BGR405 Download
File Size   312.37 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon RF Transistor With Bias Circuitry

BGR405 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGR405 Datasheet PDF - Infineon Technologies AG

Part # BGR405
Download  BGR405 Click to download

File Size   312.37 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon RF Transistor With Bias Circuitry

BGR405 Datasheet (HTML) - Infineon Technologies AG


BGR405 Product details

Features
• Noise figure NF = 1.0 dB at 0.4 GHz
• Gain S21 = 7.5 dB at 0.4 GHz
• On chip bias circuitry, 0.85 mA bias current at VCC = 1.2 V
• SIEGET ® 25 GHz fT-Line
• Pb-free (RoHS compliant) package
* Short term description




Similar Part No. - BGR405

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGR420 INFINEON-BGR420 Datasheet
316Kb / 7P
NPN Silicon RF Transistor With Bias Circuitry
Rev. 1.0, Juni 2008
More results


Similar Description - BGR405

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Infineon Technologies A...
BGR420 INFINEON-BGR420 Datasheet
316Kb / 7P
NPN Silicon RF Transistor With Bias Circuitry
Rev. 1.0, Juni 2008
logo
Fairchild Semiconductor
FJV3102RMTF FAIRCHILD-FJV3102RMTF Datasheet
163Kb / 5P
NPN Epitaxial Silicon Transistor with Bias Resistor
FJV3101RMTF FAIRCHILD-FJV3101RMTF Datasheet
163Kb / 5P
NPN Epitaxial Silicon Transistor with Bias Resistor
FJV3114RMTF FAIRCHILD-FJV3114RMTF Datasheet
163Kb / 5P
NPN Epitaxial Silicon Transistor with Bias Resistor
FJN3302RTA FAIRCHILD-FJN3302RTA Datasheet
161Kb / 5P
NPN Epitaxial Silicon Transistor with Bias Resistor
FJN3314RTA FAIRCHILD-FJN3314RTA Datasheet
173Kb / 6P
NPN Epitaxial Silicon Transistor with Bias Resistor
FJX3007RTF FAIRCHILD-FJX3007RTF Datasheet
170Kb / 5P
NPN Epitaxial Silicon Transistor with Bias Resistor
FJN3303RTA FAIRCHILD-FJN3303RTA Datasheet
161Kb / 5P
NPN Epitaxial Silicon Transistor with Bias Resistor
logo
ON Semiconductor
FJV3102R ONSEMI-FJV3102R Datasheet
241Kb / 7P
NPN Epitaxial Silicon Transistor with Bias Resistor
November 2013 Rev. 1.1.2
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com