Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35337 Datasheet (PDF) - 3M Electronics

35337 Datasheet PDF - 3M Electronics
Part # 35337
Download  35337 Download
File Size   364.5 Kbytes
Page   1 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description diode

35337 Datasheet (PDF)

Go To PDF Page Download Datasheet
35337 Datasheet PDF - 3M Electronics

Part # 35337
Download  35337 Click to download

File Size   364.5 Kbytes
Page   1 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description diode

35337 Datasheet (HTML) - 3M Electronics


35337 Product details

Description
250mA/60MHz Current Feedback Amplifier The LT® 1206 is a current feedback amplifier with high output current drive capability and excellent video characteristics. The LT1206 is stable with large capacitive loads, and can easily supply the large currents required by the capacitive loading. A shutdown feature switches the device into a high impedance, low current mode, reducing dissipation when the device is not in use. For lower bandwidth applications, the supply current can be reduced with a single external resistor. The low differential gain and phase, wide bandwidth, and the 250mA minimum output current drive make the LT1206 well suited to drive multiple cables in video systems. The LT1206 is manufactured on Linear Technology’s proprietary complementary bipolar process. L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear Technology Corporation. All other trademarks are the property of their respective owners. Noninverting Amplifier with Shutdown

Applications
■ n 250mA Minimum Output Drive Current n 60MHz Bandwidth, AV = 2, RL = 100Ω n 900V/µs Slew Rate, AV = 2, RL = 50Ω n 0.02% Differential Gain, AV = 2, RL = 30Ω n 0.17° Differential Phase, AV = 2, RL = 30Ω n High Input Impedance, 10MΩ n Wide Supply Range, ±5V to ±15V n Shutdown Mode: IS < 200µA n Adjustable Supply Current n Stable with CL = 10,000p n Available in 8-Pin DIP and SO and 7-Pin DD and TO-220 Packages n Video Amplifiers n Cable Drivers n RGB Amplifiers n Test Equipment Amplifiers n Buffers
■ Large-Signal Response, CL = 10,000pF
■ + LT1206 S/D** 15V –15V CCOMP 0.01µF* RF RG VIN 5V 24k 15V ENABLE VOUT OPTIONAL, USE WITH CAPACITIVE LOADS GROUND SHUTDOWN PIN FOR
■ NORMAL OPERATION
■ ** 1206 TA01 COMP 74C906 VS = ±15V RL = RG = 3k RL = ∞ 500ns/DIV 1206 TA01b




Similar Part No. - 35337

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
35337 ETC2-35337 Datasheet
204Kb / 1P
Wiha Quality Tools Short Arm Hex L-keys Black Finish
35337 ETC2-35337 Datasheet
204Kb / 1P
Wiha Quality Tools Short Arm Hex L-keys Black Finish
logo
Alpha Wire
35337 ALPHAWIRE-35337 Datasheet
99Kb / 4P
Customer Specification
2/16/2023
logo
List of Unclassifed Man...
35337284 ETC-35337284 Datasheet
2Mb / 1P
SEE COMPONENT DRAWING
REV 02
More results


Similar Description - 35337

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
DIODE-DIODE MODULE
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
DIODE-DIODE MODULE
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
Diode-Diode Module
logo
List of Unclassifed Man...
SDD100 ETC2-SDD100 Datasheet
996Kb / 4P
Diode-Diode Modules
logo
SEMPO ELECTRONIC Limite...
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
Diode-Diode Module
logo
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
Diode-Diode Modules
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com