Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK672-040 Datasheet (PDF) - Sanyo Semicon Device

STK672-040 Datasheet PDF - Sanyo Semicon Device
Part # STK672-040
Download  STK672-040 Download
File Size   1060.48 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)

STK672-040 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK672-040 Datasheet PDF - Sanyo Semicon Device

Part # STK672-040
Download  STK672-040 Click to download

File Size   1060.48 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)

STK672-040 Datasheet (HTML) - Sanyo Semicon Device


STK672-040 Product details

Overview
The STK672-040 is a unipolar constant-current choppertype externally-excited 4-phase stepping motor driver hybrid IC which uses MOSFET power devices. It has a microstep operation-supported 4-phase distributed controller built-in to realize a high torque, low vibration, low noise stepping motor driver using a simple control circuit.

Features
• Microstep sine-wave driver operation using only an external clock input (0.33Ω current detection resistor built-in)
• Microstep drive using only an external reference voltage setting resistor
• 2, 1-2, W1-2, 2W1-2, 4W1-2 phase excitation selectable using external pins
• Selectable vector locus (perfect circle mode, inside 1 mode, outside 2 modes) to match motor characteristics in microstep drive state
• Phase hold function during excitation switching
• Schmitt trigger inputs with built-in pull-up resistor (20kΩ)
• Monitor output pin enabling real-time confirmation of IC excitation
• The CLK and RETURN inputs provide an internal noise elimination circuit as well as CMOS Schmitt circuit to prevent malfunction due to impulse noise.
• 4-phase distribution switch timing selected externally to either CLK rising-edge only detection mode or both rising-edge and falling-edge detection mode
• ENABLE pin for excitation current cutoff, thereby reducing system current drain when driver is stopped

Applications
• Printer, copier, and X-Y plotter stepping motor drivers




Similar Part No. - STK672-040

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-040 SANYO-STK672-040 Datasheet
218Kb / 11P
Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 3.0A)
STK672-040-E SANYO-STK672-040-E Datasheet
208Kb / 19P
Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.5A (no heat sink*)
More results


Similar Description - STK672-040

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK6711AMK4 SANYO-STK6711AMK4 Datasheet
105Kb / 4P
4-Phase Stepping Motor Driver Unipolar Self-Excitation Type(Io = 1.5A)
STK672-050 SANYO-STK672-050 Datasheet
218Kb / 11P
Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 3.0A)
STK672-070-E SANYO-STK672-070-E Datasheet
178Kb / 18P
Stepping Motor Driver Output Current 1.5A
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
2-phase Stepping Motor Driver
logo
Rohm
BD63860EFV ROHM-BD63860EFV_12 Datasheet
271Kb / 9P
Stepping Motor Driver Series Microstep 36V Series Stepping Motor Driver
logo
ON Semiconductor
STK672-110-E ONSEMI-STK672-110-E Datasheet
84Kb / 9P
Two-Phase Stepping Motor Driver
June, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
2-phase Stepping Motor Driver
June, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com