Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3642 Datasheet (PDF) - Linear Technology

LTC3642 Datasheet PDF - Linear Technology
Part # LTC3642
Download  LTC3642 Download
File Size   405.87 Kbytes
Page   18 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN

LTC3642 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3642 Datasheet PDF - Linear Technology

Part # LTC3642
Download  LTC3642 Click to download

File Size   405.87 Kbytes
Page   18 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN

LTC3642 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC3642

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3642 LINER-LTC3642 Datasheet
281Kb / 20P
High Effi ciency, High Voltage 50mA Synchronous Step-Down Converter
LTC3642 LINER-LTC3642 Datasheet
237Kb / 22P
Ultralow Voltage Step-Up Converter
LTC3642 LINER-LTC3642 Datasheet
258Kb / 24P
Ultralow Voltage Step-Up Converter
LTC3642 LINER-LTC3642 Datasheet
269Kb / 26P
High Efficiency, 65V 500mA Synchronous
LTC3642 LINER-LTC3642 Datasheet
407Kb / 28P
40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
More results


Similar Description - LTC3642

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3588-1 LINER-LTC3588-1 Datasheet
389Kb / 20P
Piezoelectric Energy Harvesting Power Supply
logo
Micro Analog systems
MAS6011B MAS-MAS6011B Datasheet
181Kb / 10P
Solar Cell Energy Harvesting
logo
List of Unclassifed Man...
EHE001 ETC2-EHE001 Datasheet
138Kb / 1P
ENERGY HARVESTING ELECTRONICS
EHE004 ETC2-EHE004 Datasheet
837Kb / 8P
ENERGY HARVESTING ELECTRONICS
logo
Linear Technology
LTC3588-1 LINER-LTC3588-1_15 Datasheet
501Kb / 20P
Nanopower Energy Harvesting Power Supply
LTC3588-2 LINER-LTC3588-2_15 Datasheet
419Kb / 18P
Nanopower Energy Harvesting Power Supply with 14V Minimum VIN
logo
IXYS Corporation
NCD1015ZP IXYS-NCD1015ZP Datasheet
143Kb / 6P
Energy Harvesting Battery-Free Wireless Power
logo
Microchip Technology
MCP1810 MICROCHIP-MCP1810 Datasheet
1Mb / 32P
Energy Harvesting
06/23/16
logo
EM Microelectronic - MA...
EM8500 EMMICRO-EM8500 Datasheet
1Mb / 34P
POWER MANAGEMENT CONTROLLER WITH ENERGY HARVESTING INTERFACE
logo
Nexperia B.V. All right...
NEH2000BY NEXPERIA-NEH2000BY Datasheet
411Kb / 14P
Energy harvesting PMIC
Rev. 3.1 - 3 April 2023
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com