Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK730-030 Datasheet (PDF) - Sanyo Semicon Device

STK730-030 Datasheet PDF - Sanyo Semicon Device
Part # STK730-030
Download  STK730-030 Download
File Size   127.2 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Self-Excitation Type Semi-Regulated Switching Regulator (145W Output)?

STK730-030 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK730-030 Datasheet PDF - Sanyo Semicon Device

Part # STK730-030
Download  STK730-030 Click to download

File Size   127.2 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Self-Excitation Type Semi-Regulated Switching Regulator (145W Output)?

STK730-030 Datasheet (HTML) - Sanyo Semicon Device


STK730-030 Product details

Overview
The STK730-020 incorporates on-chip all the power switching, amplifier, error detection and overcurrent protection circuits required in a self-excitation type semi-regulated off-line switching regulator. As a result, it can be used in the design of switching power supplies with minimal number of external components. Furthermore, the adoption of MOSFET power switching elements supports a higher oscillator frequency than that possible with bipolar transistors. This allows smaller pulse transformers and capacitors to be used, making it possible to construct miniature power supply systems.

Features
• Power MOSFET devices
• Ideal for semi-regulated control switching supplies
• Error detection circuit on-chip (40.5 ±0.5V set reference voltage)
• Overcurrent protection circuit on-chip
• Pin compatible with all other devices in the same series of devices with 110 to 280W power ratings
• Higher oscillator frequency allows the use of smaller pulse transformers
• IMST substrate acts as an electromagnetic shield, making low-noise designs possible

Applications
• CRT/CTV power supplies
• Office automation equipment power supplies




Similar Part No. - STK730-030

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK730-030 SANYO-STK730-030 Datasheet
126Kb / 6P
Self-Excitation Type Semi-Regulated Switching Regulator (110W Output)
STK730-030 SANYO-STK730-030 Datasheet
161Kb / 8P
Self-Excitation Type Semi-Regulated (World Spec) Switching Regulator (110W Output)?
STK730-030 SANYO-STK730-030 Datasheet
98Kb / 4P
Self-Excitation Type Semi-Regulated Switching Regulator (210W Output)?
logo
Inchange Semiconductor ...
STK730-030 ISC-STK730-030 Datasheet
130Kb / 3P
Self-excitation Type Semi-Regulated Switching Regulator
More results


Similar Description - STK730-030

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK730-010 SANYO-STK730-010 Datasheet
126Kb / 6P
Self-Excitation Type Semi-Regulated Switching Regulator (110W Output)
STK730-060 SANYO-STK730-060 Datasheet
161Kb / 8P
Self-Excitation Type Semi-Regulated (World Spec) Switching Regulator (110W Output)?
STK730-080 SANYO-STK730-080 Datasheet
98Kb / 4P
Self-Excitation Type Semi-Regulated Switching Regulator (210W Output)?
STK73903 SANYO-STK73903 Datasheet
120Kb / 6P
Self-Excitation Type Feedback Control Switching Regulator (180W Output)
STK73904 SANYO-STK73904 Datasheet
121Kb / 6P
Self-Excitation Type Feedback Control Switching Regulator (210W Output)
STK73907 SANYO-STK73907 Datasheet
150Kb / 7P
Self-Excitation Type Feedback (World Spec) Switching Regulator (180W Output)???
STK73908 SANYO-STK73908 Datasheet
151Kb / 7P
Self-Excitation Type Feedback (World Spec) Switching Regulator (210W Output)
logo
Inchange Semiconductor ...
STK730-010 ISC-STK730-010 Datasheet
130Kb / 3P
Self-excitation Type Semi-Regulated Switching Regulator
STK73902 ISC-STK73902 Datasheet
128Kb / 3P
Self-excitation Type Feedback Control Switching Regulator
logo
Total Power Internation...
MA01 TOTAL-POWER-MA01 Datasheet
658Kb / 4P
Semi-regulated Output Voltage
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com