Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4618 Datasheet (PDF) - Linear Technology

LTM4618 Datasheet PDF - Linear Technology
Part # LTM4618
Download  LTM4618 Download
File Size   525.49 Kbytes
Page   28 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator

LTM4618 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM4618 Datasheet PDF - Linear Technology

Part # LTM4618
Download  LTM4618 Click to download

File Size   525.49 Kbytes
Page   28 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator

LTM4618 Datasheet (HTML) - Linear Technology




Similar Part No. - LTM4618

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4618 LINER-LTM4618 Datasheet
344Kb / 24P
6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
LTM4618 LINER-LTM4618 Datasheet
371Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM4618 LINER-LTM4618 Datasheet
574Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4618 LINER-LTM4618 Datasheet
738Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4618 LINER-LTM4618 Datasheet
977Kb / 36P
Quad DC/DC 關Module Regulator with Configurable 4A Output Array
More results


Similar Description - LTM4618

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48A15C500B VICOR-V48A15C500B Datasheet
150Kb / 8P
48Vin / 15Vout / 500Watts DC-DC Converter Module
V48C15C150B VICOR-V48C15C150B Datasheet
173Kb / 8P
48Vin / 15Vout / 150Watts DC-DC Converter Module
V300A15C500B VICOR-V300A15C500B Datasheet
151Kb / 8P
300Vin / 15Vout / 500Watts DC-DC Converter Module
logo
Linear Technology
LTM4612 LINER-LTM4612 Datasheet
369Kb / 24P
Ultralow Noise 36VIN, 15VOUT, 5A, DC/DC 關Module
LTM4612 LINER-LTM4612_15 Datasheet
529Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM8032 LINER-LTM8032_15 Datasheet
524Kb / 26P
EN55022B Compliant 36V, 2A DC/DC Module Regulator
LTM8033 LINER-LTM8033_15 Datasheet
382Kb / 26P
Ultralow Noise EMC 36VIN, 3A DC/DC Module Regulator
LTM4613 LINER-LTM4613_15 Datasheet
520Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC Module Regulator
LTM4651 LINER-LTM4651 Datasheet
1Mb / 34P
EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com