Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS5905 Datasheet (PDF) - Micross Components

LS5905 Datasheet PDF - Micross Components
Part # LS5905
Download  LS5905 Download
File Size   282.34 Kbytes
Page   1 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description N-CHANNEL JFET

LS5905 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS5905 Datasheet PDF - Micross Components

Part # LS5905
Download  LS5905 Click to download

File Size   282.34 Kbytes
Page   1 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description N-CHANNEL JFET

LS5905 Datasheet (HTML) - Micross Components


LS5905 Product details

LOW NOISE, LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET

The LS5905 is a high-performance monolithic dual JFET featuring tight matching and low drift over temperature specifications, and is targeted for use in a wide range of precision instrumentation applications where tight tracking is required.
The 8 Pin P-DIP and 8 Pin SOIC provide ease of manufacturing, and the symmetrical pinout prevents improper orientation.

FEATURES
    LOW DRIFT                      | VGS1‐2 / T| = 5µV/°C TYP.
    ULTRA LOW LEAKAGE   IG = 150fA TYP.
    LOW PINCHOFF              Vp = 2V TYP.

LS5905 Benefits:
◾ Tight Tracking
◾ Good matching
◾ Ultra Low Leakage
◾ Low Drift




Similar Part No. - LS5905

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS5905 LINEAR-LS5905 Datasheet
30Kb / 2P
LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
logo
Micross Components
LS5905 MICROSS-LS5905 Datasheet
282Kb / 1P
N-CHANNEL JFET
LS5905 MICROSS-LS5905 Datasheet
291Kb / 1P
N-CHANNEL JFET
LS5905 MICROSS-LS5905 Datasheet
291Kb / 1P
N-CHANNEL JFET
logo
Linear Integrated Syste...
LS5905-9 LINEAR-LS5905-9 Datasheet
30Kb / 2P
LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
More results


Similar Description - LS5905

ManufacturerPart #DatasheetDescription
logo
Micross Components
J210_TO-92 MICROSS-J210_TO-92 Datasheet
278Kb / 1P
N-CHANNEL JFET
J212_TO-92 MICROSS-J212_TO-92 Datasheet
277Kb / 1P
N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
N-CHANNEL JFET
LS5907_TO-71 MICROSS-LS5907_TO-71 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
N-CHANNEL JFET
LS5912_SOT-23 MICROSS-LS5912_SOT-23 Datasheet
275Kb / 1P
N-CHANNEL JFET
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
N-CHANNEL JFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com