Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035C Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM5035C Datasheet PDF - National Semiconductor (TI)
Part # LM5035C_1
Download  LM5035C Download
File Size   343.53 Kbytes
Page   14 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Input operating range: 36V to 75V Output voltage: 3.3V

LM5035C Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5035C Datasheet PDF - National Semiconductor (TI)

Part # LM5035C_1
Download  LM5035C Click to download

File Size   343.53 Kbytes
Page   14 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Input operating range: 36V to 75V Output voltage: 3.3V

LM5035C Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM5035C_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5035C TI-LM5035C_15 Datasheet
1Mb / 35P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
More results


Similar Description - LM5035C_1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5046 NSC-LM5046 Datasheet
605Kb / 4P
Based Eighth Brick Reference Board Input operating range: 36V to 75V
LM5039 NSC-LM5039_1 Datasheet
440Kb / 14P
Input Operating Range: 36V to 75V Output Voltage: 3.3V
LM5045 NSC-LM5045 Datasheet
2Mb / 12P
Input operating range: 36V to 75V Board size: 2.28 x 1.45 x 0.5 inches
LM5046 NSC-LM5046_1 Datasheet
3Mb / 14P
Input operating range: 36V to 75V Line UVLO (34V/32V on/off)
logo
Maxim Integrated Produc...
MAX14588EVKIT MAXIM-MAX14588EVKIT Datasheet
466Kb / 8P
4.5V to 36V Operating Voltage Range
Rev 0; 5/13
logo
Texas Instruments
PT4482N TI-PT4482N Datasheet
157Kb / 7P
36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
logo
SHANGHAI BELLING CO., L...
BL8023C BELLING-BL8023C Datasheet
471Kb / 6P
5 to 36V input voltage range
logo
Texas Instruments
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
36V to 75V Input Voltage Range
logo
Maxim Integrated Produc...
MAX17523EVKIT MAXIM-MAX17523EVKIT Datasheet
1Mb / 10P
4.5V to 36V Operating Voltage Range
Rev 0; 12/16
MAX14571EVKIT MAXIM-MAX14571EVKIT Datasheet
605Kb / 11P
6V to 36V Operating Voltage Range
Rev 0; 8/13
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com