Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TND302 Datasheet (PDF) - Sanyo Semicon Device

TND302 Datasheet PDF - Sanyo Semicon Device
Part # TND302
Download  TND302 Download
File Size   27.05 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description General Purpose Driver for PDP Sustain Pulse Drive, DC / AC Motor Drive, Switching Power Supply, and DC / DC Converter Applications

TND302 Datasheet (PDF)

Go To PDF Page Download Datasheet
TND302 Datasheet PDF - Sanyo Semicon Device

Part # TND302
Download  TND302 Click to download

File Size   27.05 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description General Purpose Driver for PDP Sustain Pulse Drive, DC / AC Motor Drive, Switching Power Supply, and DC / DC Converter Applications

TND302 Datasheet (HTML) - Sanyo Semicon Device


TND302 Product details

Features
• Dual buffer.
• Monolithic structure(High voltage CMOS process adopted).
• Withstand voltage of 25V is assured.
• Wide range of operating voltage : 4.5V to 25V.
• Peak outpout current : 2A.
• Fast switching time(25ns typical at 1000pF load).
• Fully compatible input to TTL/CMOS.
   (VIH=not more than 2.6V, at VDD=4.5 to 25V)




Similar Part No. - TND302

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND301 SANYO-TND301 Datasheet
26Kb / 4P
General Purpose Driver for PDP Sustain Pulse Drive, DC / AC Motor Drive, Switching Power Supply, and DC / DC Converter Applications
logo
ON Semiconductor
TND301 ONSEMI-TND301 Datasheet
209Kb / 8P
Clock Management Design Using Low Skew and Low Jitter Devices
June, 2001 ??Rev. 0
logo
Sanyo Semicon Device
TND301S SANYO-TND301S Datasheet
26Kb / 4P
General Purpose Driver for PDP Sustain Pulse Drive, DC / AC Motor Drive, Switching Power Supply, and DC / DC Converter Applications
TND303 SANYO-TND303 Datasheet
27Kb / 4P
General Purpose Driver for PDP Sustain Pulse Drive, DC / AC Motor Drive, Switching Power Supply, DC / DC Converter Applications
TND303S SANYO-TND303S Datasheet
27Kb / 4P
General Purpose Driver for PDP Sustain Pulse Drive, DC / AC Motor Drive, Switching Power Supply, DC / DC Converter Applications
More results


Similar Description - TND302

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND301S SANYO-TND301S Datasheet
26Kb / 4P
General Purpose Driver for PDP Sustain Pulse Drive, DC / AC Motor Drive, Switching Power Supply, and DC / DC Converter Applications
TND303S SANYO-TND303S Datasheet
27Kb / 4P
General Purpose Driver for PDP Sustain Pulse Drive, DC / AC Motor Drive, Switching Power Supply, DC / DC Converter Applications
TND304S SANYO-TND304S Datasheet
37Kb / 4P
General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive Switching Power Supply, DC / DC Converter Applications
TND311S SANYO-TND311S Datasheet
48Kb / 5P
ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND312S SANYO-TND312S Datasheet
48Kb / 5P
ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND313S SANYO-TND313S Datasheet
49Kb / 5P
ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND314S SANYO-TND314S Datasheet
48Kb / 5P
ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND315S SANYO-TND315S Datasheet
48Kb / 5P
ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND323VD SANYO-TND323VD Datasheet
49Kb / 5P
ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND332ST SANYO-TND332ST Datasheet
270Kb / 5P
General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive, Switching Power Supply, and DC / DC Converter Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com