Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FF900R12IP4 Datasheet (PDF) - Infineon Technologies AG

FF900R12IP4 Datasheet PDF - Infineon Technologies AG
Part # FF900R12IP4
Download  FF900R12IP4 Download
File Size   1252.16 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description PrimePACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC

FF900R12IP4 Datasheet (PDF)

Go To PDF Page Download Datasheet
FF900R12IP4 Datasheet PDF - Infineon Technologies AG

Part # FF900R12IP4
Download  FF900R12IP4 Click to download

File Size   1252.16 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description PrimePACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC

FF900R12IP4 Datasheet (HTML) - Infineon Technologies AG


FF900R12IP4 Product details

Electrical Features
• Extended Operation Temperature Tvjop
• High DC Stability
• High Short Circuit Capability, Self Limiting Short Circuit Current
• Unbeatable Robustness
• VCEsat with positive Temperature Coefficient
• Low VCEsat

Mechanical Features
• 4 kV AC 1min Insulation
• Package with CTI>400
• High Creepage and Clearance Distances
• High Power and Thermal Cycling Capability
• High Power Density

Typical Applications
• Auxiliary Inverters
• High Power Converters
• Motor Drives
• Traction Drives
• UPS Systems
• Wind Turbines




Similar Part No. - FF900R12IP4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF900R12IP4 INFINEON-FF900R12IP4 Datasheet
1Mb / 9P
PrimePACK2 Modul mit Trench
2013-11-05 revision:2.4
FF900R12IP4 INFINEON-FF900R12IP4 Datasheet
1Mb / 30P
E v a l u a t i o n D r i v e r B o a r d f o r 1 2 0 0 V PrimePACK™
2008-05 V1.0
FF900R12IP4D INFINEON-FF900R12IP4D Datasheet
1Mb / 9P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4, gr철횩erer Emitter Controlled 4 Diode und NTC
2009-08-24 revision:2.4
FF900R12IP4D INFINEON-FF900R12IP4D Datasheet
1Mb / 30P
E v a l u a t i o n D r i v e r B o a r d f o r 1 2 0 0 V PrimePACK™
2008-05 V1.0
FF900R12IP4DV INFINEON-FF900R12IP4DV Datasheet
1Mb / 9P
PrimePACK™2 module with Trench/Fieldstop IGBT4, enlarged Emitter Controlled 4 diode and NTC
revision: 2.0 2013-11-26
More results


Similar Description - FF900R12IP4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP10R12W1T4_B3 INFINEON-FP10R12W1T4_B3 Datasheet
571Kb / 10P
EasyPIM module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-12-08 revision:2.4
FS25R12W1T4 INFINEON-FS25R12W1T4 Datasheet
444Kb / 9P
EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-10-30 rev 2.1
FS35R12W1T4 INFINEON-FS35R12W1T4 Datasheet
444Kb / 9P
EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-10-30- rev 2.1
FS50R12W2T4 INFINEON-FS50R12W2T4 Datasheet
494Kb / 9P
EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-10-30 rev 2.4
FF900R12IE4 INFINEON-FF900R12IE4 Datasheet
1Mb / 9P
PrimePACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-08-14 revision:2.4
FS50R07N2E4 INFINEON-FS50R07N2E4 Datasheet
536Kb / 9P
EconoPACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-14 revision:2.0
FS75R07N2E4 INFINEON-FS75R07N2E4 Datasheet
536Kb / 9P
EconoPACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-14 revision:2.0
FS100R07N2E4 INFINEON-FS100R07N2E4 Datasheet
536Kb / 9P
EconoPACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-14 revision:2.0
FS150R07N3E4 INFINEON-FS150R07N3E4 Datasheet
533Kb / 9P
EconoPACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-05 revision:2.0
FS200R07N3E4R INFINEON-FS200R07N3E4R Datasheet
532Kb / 9P
EconoPACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-05 revision:2.0
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com