Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST308_SOT-23 Datasheet (PDF) - Micross Components

SST308_SOT-23 Datasheet PDF - Micross Components
Part # SST308_SOT-23
Download  SST308_SOT-23 Download
File Size   292.79 Kbytes
Page   1 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description N-CHANNEL JFET

SST308_SOT-23 Datasheet (PDF)

Go To PDF Page Download Datasheet
SST308_SOT-23 Datasheet PDF - Micross Components

Part # SST308_SOT-23
Download  SST308_SOT-23 Click to download

File Size   292.79 Kbytes
Page   1 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description N-CHANNEL JFET

SST308_SOT-23 Datasheet (HTML) - Micross Components


SST308_SOT-23 Product details

Linear Systems replaces discontinued Siliconix SST308

The SST308 is a high frequency n-channel JFET offering a wide range and low noise performance. The SOT-23 package is well suited for cost sensitive applications and mass production.

FEATURES
    DIRECT REPLACEMENT FOR SILICONIX SST308
    OUTSTANDING HIGH FREQUENCY GAIN Gpg = 11.5dB
    LOW HIGH FREQUENCY NOISE NF = 2.7dB

SST308 Benefits:
◾ High Power Low Noise gain
◾ Dynamic Range greater than 100dB
◾ Easily matched to 75Ω input

SST308 Applications:
◾ UHV / VHF Amplifiers
◾ Mixers
◾ Oscillators




Similar Part No. - SST308_SOT-23

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SST308 CALOGIC-SST308 Datasheet
26Kb / 2P
N-Channel JFET High Frequency Amplifier
logo
Linear Integrated Syste...
SST308 LINEAR-SST308 Datasheet
294Kb / 2P
SINGLE N-CHANNEL HIGH FREQUENCY JFET
logo
Vishay Siliconix
SST308 VISHAY-SST308 Datasheet
74Kb / 7P
N-Channel JFETs
04-Jun-01
SST308 VISHAY-SST308 Datasheet
102Kb / 8P
Very High System Sensitivity
24-Jan-05
SST308 VISHAY-SST308 Datasheet
102Kb / 8P
N-Channel JFETs
24-Jan-05
More results


Similar Description - SST308_SOT-23

ManufacturerPart #DatasheetDescription
logo
Micross Components
J210_TO-92 MICROSS-J210_TO-92 Datasheet
278Kb / 1P
N-CHANNEL JFET
J212_TO-92 MICROSS-J212_TO-92 Datasheet
277Kb / 1P
N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
N-CHANNEL JFET
LS5907_TO-71 MICROSS-LS5907_TO-71 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
N-CHANNEL JFET
LS5912_SOT-23 MICROSS-LS5912_SOT-23 Datasheet
275Kb / 1P
N-CHANNEL JFET
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
N-CHANNEL JFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com