Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1938 Datasheet (PDF) - Microchip Technology

PIC16F1938 Datasheet PDF - Microchip Technology
Part # PIC16F1938
Download  PIC16F1938 Download
File Size   4970.54 Kbytes
Page   452 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers

PIC16F1938 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F1938 Datasheet PDF - Microchip Technology

Part # PIC16F1938
Download  PIC16F1938 Click to download

File Size   4970.54 Kbytes
Page   452 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers

PIC16F1938 Datasheet (HTML) - Microchip Technology


PIC16F1938 Product details

High-Performance RISC CPU:
• Only 49 Instructions to Learn:
   - All single-cycle instructions except branches
• Operating Speed:
   - DC – 32 MHz oscillator/clock input
   - DC – 125 ns instruction cycle
• Up to 16K x 14 Words of Flash Program Memory
• Up to 1024 Bytes of Data Memory (RAM)
• Interrupt Capability with automatic context saving
• 16-Level Deep Hardware Stack
• Direct, Indirect and Relative Addressing modes
• Processor Read Access to Program Memory
• Pinout Compatible to other 28/40-pin PIC16CXXX
   and PIC16FXXX Microcontrollers

Special Microcontroller Features:
• Precision Internal Oscillator:
- Factory calibrated to ±1%, typical
   - Software selectable frequency range from 32 MHz to 31 kHz
   • Power-Saving Sleep mode
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up
Timer (OST)
• Brown-out Reset (BOR)
   - Selectable between two trip points
   - Disable in Sleep option
• Multiplexed Master Clear with Pull-up/Input Pin
• Programmable Code Protection
• High Endurance Flash/EEPROM cell:
   - 100,000 write Flash endurance
   - 1,000,000 write EEPROM endurance
   - Flash/Data EEPROM retention: > 40 years
• Wide Operating Voltage Range:
   - 1.8V-5.5V (PIC16F193X)
   - 1.8V-3.6V (PIC16LF193X)

PIC16LF193X Low-Power Features:
• Standby Current:
   - 60 nA @ 1.8V, typical
• Operating Current:
   - 7.0 μA @ 32 kHz, 1.8V, typical
   - 150 μA @ 1 MHz, 1.8V, typical
• Timer1 Oscillator Current:
   - 600 nA @ 32 kHz, 1.8V, typical
• Low-Power Watchdog Timer Current:
   - 500 nA @ 1.8V, typical (Continue ...)




Similar Part No. - PIC16F1938

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F1938 MICROCHIP-PIC16F1938 Datasheet
9Mb / 488P
28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver
11/29/12 2011-2013
PIC16F1938 MICROCHIP-PIC16F1938 Datasheet
8Mb / 464P
28-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver with XLP Technology
11/29/11
PIC16F1938 MICROCHIP-PIC16F1938 Datasheet
782Kb / 78P
Debug Header Specification
2006-2012
PIC16F1938-E/ML MICROCHIP-PIC16F1938-E/ML Datasheet
7Mb / 418P
28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2008
PIC16F1938-E/ML MICROCHIP-PIC16F1938-E/ML Datasheet
4Mb / 508P
28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2009
More results


Similar Description - PIC16F1938

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F882 MICROCHIP-PIC16F882 Datasheet
5Mb / 288P
28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F882 MICROCHIP-PIC16F882_09 Datasheet
5Mb / 328P
28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2009
PIC16F1934 MICROCHIP-PIC16F1934_11 Datasheet
4Mb / 472P
28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers
2008-2011
PIC16F87X MICROCHIP-PIC16F87X_13 Datasheet
2Mb / 218P
28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12 1998-2013
PIC16F1938 MICROCHIP-PIC16F1938_13 Datasheet
9Mb / 488P
28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver
11/29/12 2011-2013
PIC16F882 MICROCHIP-PIC16F882_12 Datasheet
6Mb / 338P
28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers
10/26/12
PIC16F887I-PT MICROCHIP-PIC16F887I-PT Datasheet
6Mb / 338P
28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers
10/26/12
PIC16F747-I MICROCHIP-PIC16F747-I Datasheet
5Mb / 276P
28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers
10/20/04
PIC16F882-I MICROCHIP-PIC16F882-I Datasheet
5Mb / 328P
28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers
03/26/09
PIC16LF877-04PT MICROCHIP-PIC16LF877-04PT Datasheet
2Mb / 218P
28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com