Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSTDPAD50_SOIC Datasheet (PDF) - Micross Components

SSTDPAD50_SOIC Datasheet PDF - Micross Components
Part # SSTDPAD50_SOIC
Download  SSTDPAD50_SOIC Download
File Size   279.8 Kbytes
Page   1 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description low leakage Monolithic Dual Pico-Amp Diode

SSTDPAD50_SOIC Datasheet (PDF)

Go To PDF Page Download Datasheet
SSTDPAD50_SOIC Datasheet PDF - Micross Components

Part # SSTDPAD50_SOIC
Download  SSTDPAD50_SOIC Click to download

File Size   279.8 Kbytes
Page   1 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description low leakage Monolithic Dual Pico-Amp Diode

SSTDPAD50_SOIC Datasheet (HTML) - Micross Components


SSTDPAD50_SOIC Product details

The SSTDPAD50 is a low leakage Monolithic Dual Pico-Amp Diode

The SSTDPAD50 extremely low-leakage monolithic dual diode provides a superior alternative to conventional diode technology when reverse current (leakage) must be minimized. In addition the monolithic dual construction allows excellent capacitance matching per diode.

FEATURES
   DIRECT REPLACEMENT FOR SILICONIX SSTDPAD50
   HIGH ON ISOLATION 20fA
   EXCELLENT CAPACITANCE MATCHING ∆CR ≤ 0.5pF
   ULTRALOW LEAKAGE ≤ 50 pA
   REVERSE BREAKDOWN VOLTAGE BVR ≥ ‐30V
   REVERSE CAPACITANCE Crss ≤ 4.0pF

SSTDPAD50 Benefits:
◾ Negligible Circuit Leakage Contribution
◾ Circuit “Transparent” Except to Shunt High-Frequency Spikes
◾ Simplicity of Operation

SSTDPAD50 Applications:
◾ Op Amp Input Protection
◾ Multiplexer Overvoltage Protection




Similar Part No. - SSTDPAD50_SOIC

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SSTDPAD50 CALOGIC-SSTDPAD50 Datasheet
32Kb / 2P
Dual Pico Amp Diodes
logo
Linear Integrated Syste...
SSTDPAD50 LINEAR-SSTDPAD50 Datasheet
205Kb / 2P
MONOLITHIC DUAL PICO AMPERE DIODES
logo
New Jersey Semi-Conduct...
SSTDPAD50 NJSEMI-SSTDPAD50 Datasheet
80Kb / 2P
MONOLITHIC DUAL PICO AMPERE DIODES
logo
Micross Components
SSTDPAD50 MICROSS-SSTDPAD50 Datasheet
279Kb / 1P
Linear Systems replaces discontinued Siliconix SSTDPAD50
More results


Similar Description - SSTDPAD50_SOIC

ManufacturerPart #DatasheetDescription
logo
Micross Components
DPAD2_TO-72 MICROSS-DPAD2_TO-72 Datasheet
275Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
DPAD100_TO-72 MICROSS-DPAD100_TO-72 Datasheet
275Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
ID101_TO-71 MICROSS-ID101_TO-71 Datasheet
314Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
SSTDPAD100_SOIC MICROSS-SSTDPAD100_SOIC Datasheet
279Kb / 1P
low leakage Monolithic Dual Pico-Amp Diode
DPAD2 MICROSS-DPAD2 Datasheet
844Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
DPAD5 MICROSS-DPAD5 Datasheet
844Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
DPAD20 MICROSS-DPAD20 Datasheet
844Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
ID100 MICROSS-ID100 Datasheet
314Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
ID101 MICROSS-ID101 Datasheet
314Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
LSDPAD5 MICROSS-LSDPAD5 Datasheet
276Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com