Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5646C Datasheet (PDF) - Freescale Semiconductor, Inc

MPC5646C Datasheet PDF - Freescale Semiconductor, Inc
Part # MPC5646C
Download  MPC5646C Download
File Size   1843.26 Kbytes
Page   114 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontroller 64 KB on-chip data flash memory to support EEPROM emulation

MPC5646C Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC5646C Datasheet PDF - Freescale Semiconductor, Inc

Part # MPC5646C
Download  MPC5646C Click to download

File Size   1843.26 Kbytes
Page   114 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontroller 64 KB on-chip data flash memory to support EEPROM emulation

MPC5646C Datasheet (HTML) - Freescale Semiconductor, Inc


MPC5646C Product details

MPC5646C Microcontroller



Description

The MPC5646C is a new family of next generation microcontrollers built on the Power Architecture embedded category. This document describes the features of the family and options available within the family members, and highlights important electrical and physical characteristics of the device.

The MPC5646C family expands the range of the MPC560xB microcontroller family. It provides the scalability needed to implement platform approaches and delivers the performance required by increasingly sophisticated software architectures. The advanced and cost-efficient host processor core of the MPC5646C automotive controller family complies with the Power Architecture embedded category, which is 100 percent user-modecompatible with the original Power Architecture user instruction set architecture (UISA). It operates at speeds of up to 120 MHz and offers high performance processing optimized for low power consumption. It also capitalizes on the available development infrastructure of current Power Architecture devices and is supported with software drivers, operating systems and configuration code to assist with users  implementations.



• e200z4d dual issue, 32-bit core Power Architecture compliant CPU

– Up to 120 MHz

– 4 KB, 2/4-Way Set Associative Instruction Cache

– Variable length encoding (VLE)

– Embedded floating-point (FPU) unit

– Supports Nexus3+

• e200z0h single issue, 32-bit core Power Architecture compliant CPU

– Up to 80 MHz

– Variable length encoding (VLE)

– Supports Nexus3+

• Up to 3 MB on-chip flash memory: flash page buffers to improve access time

• Up to 256 KB on-chip SRAM

• 64 KB on-chip data flash memory to support EEPROM emulation

• Up to 16 semaphores across all slave ports

• User selectable MBIST

• Low-power modes supported: STOP, HALT, STANDBY

• 16 region Memory Protection Unit (MPU)

• Dual-core Interrupt Controller (INTC). Interrupt sources can be routed to e200z4d, e200z0h, or both

• Frequency-Modulated Phase-Locked Loop (FMPLL)

• Crossbar switch architecture for concurrent access to peripherals, flash memory, and SRAM from multiple bus masters

• 32 channel eDMA controller with DMAMUX

• Timer supports input/output channels providing 16-bit input capture, output compare, and PWM functions(eMIOS)

• 2 analog-to-digital converters(ADC): one 10-bit and one 12-bit

• Cross Trigger Unit (CTU) to enable synchronization of ADC conversions with a timer event from the eMIOS or from the PIT

• Up to 8 serial peripheral interface (DSPI) modules

• Up to 10 serial communication interface (LINFlex) modules

• Up to 6 full CAN (FlexCAN) modules with 64 MBs each

• CAN Sampler to catch ID of CAN message

• 1 inter IC communication interface (I2C) module

• Up to 177 (LQFP) or 199 (BGA) configurable general purpose I/O pins

• System clocks sources

– 4–40 MHz external crystal oscillator

– 16 MHz internal RC oscillator

– FMPLL Additionally, there are two low power oscillators: 128 kHz internal RC oscillator, 32 kHz external crystal oscillator

• Real Time Counter (RTC) with clock source from internal

128 kHz or 16 MHz oscillators or external 4–40 MHz crystal

– Supports autonomous wake-up with 1 ms resolution with max timeout of 2 seconds

– Optional support from external 32 kHz crystal oscillator, supporting wake-up with 1 second resolution and max timeout of 1 hour

• 1 System Timer Module (STM) with four 32-bit compare channels

• Up to 8 periodic interrupt timers (PIT) with 32-bit counter resolution

• 1 Real Time Interrupt (RTI) with 32-bit counter resolution

• 1 Safety Enhanced Software Watchdog Timer (SWT) that supports keyed functionality

• 1 dual-channel FlexRay Controller with 128 message buffers

• 1 Fast Ethernet Controller (FEC)

• On-chip voltage regulator (VREG)

• Cryptographic Services Engine (CSE)

• Offered in the followingstandard package types:

–176-pin LQFP, 2424 mm, 0.5 mm Lead Pitch

–208-pin LQFP, 2828 mm, 0.5 mm Lead Pitch

– 256-ball MAPBGA, 1717mm, 1.0 mm Lead Pitch



 




Similar Part No. - MPC5646C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC5646C NXP-MPC5646C Datasheet
1Mb / 116P
MPC5646C Microcontroller Datasheet
Rev. 7, 11/2021
MPC5646CCACLT1 NXP-MPC5646CCACLT1 Datasheet
1Mb / 116P
MPC5646C Microcontroller Datasheet
Rev. 7, 11/2021
MPC5646CCACLT1R NXP-MPC5646CCACLT1R Datasheet
1Mb / 116P
MPC5646C Microcontroller Datasheet
Rev. 7, 11/2021
MPC5646CCACLT8 NXP-MPC5646CCACLT8 Datasheet
1Mb / 116P
MPC5646C Microcontroller Datasheet
Rev. 7, 11/2021
MPC5646CCACLT8R NXP-MPC5646CCACLT8R Datasheet
1Mb / 116P
MPC5646C Microcontroller Datasheet
Rev. 7, 11/2021
More results


Similar Description - MPC5646C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M39208 STMICROELECTRONICS-M39208 Datasheet
218Kb / 30P
Single Chip 2 Mbit Flash and 64 Kbit Parallel EEPROM Memory
Feb-1999
logo
Sanyo Semicon Device
LC87F72C8A SANYO-LC87F72C8A Datasheet
717Kb / 24P
8-Bit Single Chip Microcontroller with 128 KB Flash Memory and 2048-Byte RAM On Chip
logo
STMicroelectronics
STM32F0DISCOVERY STMICROELECTRONICS-STM32F0DISCOVERY Datasheet
210Kb / 3P
STM32F051R8T6 microcontroller featuring 64 KB Flash
Mar-2012
logo
NXP Semiconductors
LPC1315 NXP-LPC1315 Datasheet
1Mb / 77P
32-bit ARM Cortex-M3 microcontroller; up to 64 kB flash; up to 12 kB SRAM; USB device; USART; EEPROM
Rev. 3-20 September 2012
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_14 Datasheet
1Mb / 104P
64K bytes On-chip Flash Program/Data Memory
logo
ON Semiconductor
CAT25640 ONSEMI-CAT25640_18 Datasheet
316Kb / 20P
EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
CAV24C64 ONSEMI-CAV24C64_18 Datasheet
339Kb / 17P
EEPROM Serial 64-Kb I2C
April, 2018 ??Rev. 4
NV24C64LV ONSEMI-NV24C64LV Datasheet
324Kb / 18P
EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. P3
N24C64 ONSEMI-N24C64_18 Datasheet
213Kb / 14P
EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. 2
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com