Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33903 Datasheet (PDF) - Freescale Semiconductor, Inc

MC33903 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC33903
Download  MC33903 Download
File Size   2707.66 Kbytes
Page   104 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description SBC Gen2 with CAN High Speed and LIN Interface

MC33903 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33903 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC33903
Download  MC33903 Click to download

File Size   2707.66 Kbytes
Page   104 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description SBC Gen2 with CAN High Speed and LIN Interface

MC33903 Datasheet (HTML) - Freescale Semiconductor, Inc


MC33903 Product details

SBC Gen2 with CAN High Speed and LIN Interface



The 33903/4/5 is the second generation family of the System Basis Chip (SBC). It combines several features and enhances present module designs. The device works as an advanced power management unit for the MCU with additional integrated circuits such as sensors and CAN transceivers. It has a built-in enhanced high-speed CAN interface (ISO11898-2 and -5) with local and bus failure diagnostics, protection, and fail-safe operation modes. The SBC may include zero, one or two LIN 2.1 interfaces with LIN output pin switches. It includes up to four wake-up input pins that can also be configured as output drivers for flexibility.



Features

• Voltage regulator for MCU, 5.0 or 3.3 V, part number selectable, with possibility of usage external PNP to extend current capability and share power dissipation

• Voltage, current, and temperature protection

• Extremely low quiescent current in LP modes

• Fully-protected embedded 5.0 V regulator for the CAN driver

• Multiple under-voltage detections to address various MCU specifications and system operation modes (i.e. cranking)

• Auxiliary 5.0 or 3.3 V SPI configurable regulator, for additional ICs, with over-current detection and under-voltage protection

• MUX output pin for device internal analog signal monitoring and power supply monitoring

• Advanced SPI, MCU, ECU power supply, and critical pins diagnostics and monitoring.

• Multiple wake-up sources in LP modes: CAN or LIN bus, I/O transition, automatic timer, SPI message, and VDDover-current detection.

• ISO11898-5 high-speed CAN interface compatibility for baud rates of 40 kb/s to 1.0 Mb/s

• Scalable product family of devices ranging from 0 to 2 LINs which are compatible to J2602-2 and LIN 2.1




Similar Part No. - MC33903

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33903 FREESCALE-MC33903 Datasheet
2Mb / 98P
SBC Gen2 with CAN High Speed and LIN Interface
MC33903 FREESCALE-MC33903 Datasheet
1Mb / 766P
SBC Gen2 with CAN High Speed and LIN Interface
MC33903 FREESCALE-MC33903 Datasheet
1Mb / 106P
SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MC33903 NXP-MC33903 Datasheet
2Mb / 107P
SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
More results


Similar Description - MC33903

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33904 FREESCALE-33904 Datasheet
2Mb / 91P
System Basis Chip Gen2 with High Speed CAN and LIN Interface
MC33903 FREESCALE-MC33903 Datasheet
2Mb / 98P
SBC Gen2 with CAN High Speed and LIN Interface
logo
ON Semiconductor
NCV7462 ONSEMI-NCV7462 Datasheet
420Kb / 56P
LIN/CAN SBC/System-IC
January, 2013 ??Rev. 0
logo
Freescale Semiconductor...
MC33905D FREESCALE-MC33905D Datasheet
1Mb / 766P
SBC Gen2 with CAN High Speed and LIN Interface
MC33903_4 FREESCALE-MC33903_4_5 Datasheet
1Mb / 106P
SBC Gen2 with CAN High Speed and LIN Interface
MCZ33905CS5EK FREESCALE-MCZ33905CS5EK Datasheet
1Mb / 106P
SBC Gen2 with CAN High Speed and LIN Interface
logo
ON Semiconductor
NCV7462 ONSEMI-NCV7462_1 Datasheet
379Kb / 56P
LIN/CAN SBC/System-IC
June, 2016 ??Rev. 5
logo
NXP Semiconductors
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
33903 NXP-33903 Datasheet
2Mb / 107P
SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com