Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV16B20 Datasheet (PDF) - GREATECS

PV16B20 Datasheet PDF - GREATECS
Part # PV16B20
Download  PV16B20 Download
File Size   1581.07 Kbytes
Page   2 Pages
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS
Description 16mm Size Metal Shaft DP Rotary Potentiometers

PV16B20 Datasheet (PDF)

Go To PDF Page Download Datasheet
PV16B20 Datasheet PDF - GREATECS

Part # PV16B20
Download  PV16B20 Click to download

File Size   1581.07 Kbytes
Page   2 Pages
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS
Description 16mm Size Metal Shaft DP Rotary Potentiometers

PV16B20 Datasheet (HTML) - GREATECS




Similar Part No. - PV16B20

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
PV1620100ML ABC-PV1620100ML Datasheet
97Kb / 3P
POWER INDUCTOR
PV1620101KL ABC-PV1620101KL Datasheet
97Kb / 3P
POWER INDUCTOR
PV1620102KL ABC-PV1620102KL Datasheet
97Kb / 3P
POWER INDUCTOR
PV1620250KL ABC-PV1620250KL Datasheet
97Kb / 3P
POWER INDUCTOR
PV1620251KL ABC-PV1620251KL Datasheet
97Kb / 3P
POWER INDUCTOR
More results


Similar Description - PV16B20

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P160 BITECH-P160 Datasheet
284Kb / 4P
16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi - Ganged available
logo
ALPS ELECTRIC CO.,LTD.
EC20A ALPS-EC20A Datasheet
273Kb / 3P
20mm Size Metal Shaft Type
RK163 ALPS-RK163 Datasheet
278Kb / 6P
16mm Size Metal Shaft Type
logo
GREATECS
GPV16A GREATECS-GPV16A Datasheet
1Mb / 2P
16mm Size Metal Shaft SP Rotary Potentiometers
logo
Bi technologies
P160 BITECH-P160_08 Datasheet
94Kb / 4P
16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi
logo
Panasonic Semiconductor
EVU-F3MFL3B14 PANASONIC-EVU-F3MFL3B14 Datasheet
175Kb / 5P
9 mm Square Rotary Potentiometers with Insulated Shaft
logo
ALPS ELECTRIC CO.,LTD.
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
9mm Size Metal Shaft Type
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
20mm Size Metal Shaft Type
logo
CTS Corporation
288TB24F402A1 CTS-288TB24F402A1 Datasheet
317Kb / 4P
Commercial Miniature 16mm Size Rotary Encoder
logo
List of Unclassifed Man...
RV24AF-10D2-15F-A50K ETC-RV24AF-10D2-15F-A50K Datasheet
632Kb / 4P
24mm Rotary Type, Metal Shaft Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com