Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6796 Datasheet (PDF) - Seme LAB

2N6796 Datasheet PDF - Seme LAB
Part # 2N6796
Download  2N6796 Download
File Size   18.47 Kbytes
Page   2 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description TMOS FET TRANSISTOR N - CHANNEL

2N6796 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6796 Datasheet PDF - Seme LAB

Part # 2N6796
Download  2N6796 Click to download

File Size   18.47 Kbytes
Page   2 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description TMOS FET TRANSISTOR N - CHANNEL

2N6796 Datasheet (HTML) - Seme LAB


2N6796 Product details

FEATURES
• VDSS = 100V
• ID = 8A
• RDSON = 0.18Ω




Similar Part No. - 2N6796

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
2N6796 INTERSIL-2N6796 Datasheet
140Kb / 7P
8A, 100V, 0.180 Ohm, N-Channel Power MOSFET
November 1998
logo
List of Unclassifed Man...
2N6796 ETC2-2N6796 Datasheet
47Kb / 5P
100 V, 200 V, 400 V & 500 V, N-Channel, Enhancement Mode MOSFET Power Transistor
logo
Microsemi Corporation
2N6796 MICROSEMI-2N6796 Datasheet
102Kb / 2P
N-CHANNEL MOSFET
2N6796 MICROSEMI-2N6796 Datasheet
182Kb / 4P
N-CHANNEL MOSFET
logo
Seme LAB
2N6796 SEME-LAB-2N6796 Datasheet
22Kb / 2P
TMOS FET ENHANCEMENT N - CHANNEL
More results


Similar Description - 2N6796

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BS170 MOTOROLA-BS170 Datasheet
77Kb / 4P
TMOS FET Switching(N-Channel-Enhancement)
BSS123LT1 MOTOROLA-BSS123LT1 Datasheet
93Kb / 4P
TMOS FET Transistor(N-Channel)
MMBF170LT1 MOTOROLA-MMBF170LT1 Datasheet
98Kb / 4P
TMOS FET Transistor
MMFT108T1 MOTOROLA-MMFT108T1 Datasheet
91Kb / 6P
TMOS FET TRANSISTOR N-CHANNEL - ENHANCEMENT
VN0300L MOTOROLA-VN0300L Datasheet
54Kb / 4P
TMOS FET Transistor
VN2222LL MOTOROLA-VN2222LL Datasheet
68Kb / 4P
TMOS FET Transistor
VN2406L MOTOROLA-VN2406L Datasheet
57Kb / 4P
TMOS FET Transistor
VN2410L MOTOROLA-VN2410L Datasheet
56Kb / 4P
TMOS FET Transistor
logo
Seme LAB
2N6796 SEME-LAB-2N6796_03 Datasheet
22Kb / 2P
TMOS FET ENHANCEMENT N - CHANNEL
logo
Motorola, Inc
VN2410LG MOTOROLA-VN2410LG Datasheet
61Kb / 4P
TMOS FET Transistor N-Channel - Enhancement
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com