Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK12 Datasheet (PDF) - GREATECS

RK12 Datasheet PDF - GREATECS
Part # RK12
Download  RK12 Download
File Size   213.62 Kbytes
Page   1 Pages
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS
Description 23 mm Round illuminated Rocker Switches

RK12 Datasheet (PDF)

Go To PDF Page Download Datasheet
RK12 Datasheet PDF - GREATECS

Part # RK12
Download  RK12 Click to download

File Size   213.62 Kbytes
Page   1 Pages
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS
Description 23 mm Round illuminated Rocker Switches

RK12 Datasheet (HTML) - GREATECS


RK12 Product details

Ø23 mm Round illuminated Rocker Switches

FEATURES
» Round rocker switch
» Single pole or double pole
» Illuminated or non-illuminated

MATERIALS of RK12S
» Contact Arm (RK12S): Silver plated copper alloy
» Movable Contact Arm (RK12D): Phosphorus bronze
» Movable Contact (RK12D): Silver alloy
» Terminals: Silver plated copper
» Lamp: Neon for AC; Tungsten bulb for DC
» Spring: Piano wire




Similar Part No. - RK12

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RK1206AS-1000FN-2Q BARRY-RK1206AS-1000FN-2Q Datasheet
99Kb / 1P
Alumina, BeO Free, BeO and AlN
02/11/10
RK1206AS-1000FN-2S BARRY-RK1206AS-1000FN-2S Datasheet
99Kb / 1P
Alumina, BeO Free, BeO and AlN
02/11/10
RK1206AS-1000FN-81 BARRY-RK1206AS-1000FN-81 Datasheet
99Kb / 1P
Alumina, BeO Free, BeO and AlN
02/11/10
RK1206AS-1000FN-83 BARRY-RK1206AS-1000FN-83 Datasheet
99Kb / 1P
Alumina, BeO Free, BeO and AlN
02/11/10
RK1206AS-1000FN-91 BARRY-RK1206AS-1000FN-91 Datasheet
99Kb / 1P
Alumina, BeO Free, BeO and AlN
02/11/10
More results


Similar Description - RK12

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA04J137207Q ITT-CA04J137207Q Datasheet
259Kb / 4P
Illuminated Power Rocker Switches
DM14J72S205Q3 ITT-DM14J72S205Q3 Datasheet
300Kb / 4P
Miniature Illuminated Power Rocker Switches
logo
GREATECS
RK3 GREATECS-RK3 Datasheet
222Kb / 1P
21 x 15 mm SP illuminated Rocker Switches
RK9 GREATECS-RK9 Datasheet
484Kb / 1P
32 x 16.5 mm SP illuminated Rocker Switches
RK10 GREATECS-RK10 Datasheet
426Kb / 1P
31.5 x 17 mm SP illuminated Rocker Switches
RK11 GREATECS-RK11 Datasheet
363Kb / 1P
32 x 25 mm illuminated Rocker Switches
logo
C&K Components
CA04J137207DQ CK-COMPONENTS-CA04J137207DQ Datasheet
202Kb / 4P
Illuminated Power Rocker Switches
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
Miniature Illuminated Power Rocker Switches
logo
NTE Electronics
54-083 NTE-54-083 Datasheet
7Mb / 9P
Illuminated Rocker Switches
logo
C&K Components
CA CK-COMPONENTS-CA Datasheet
159Kb / 4P
Illuminated Power Rocker Switches
2003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com