Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK15 Datasheet (PDF) - GREATECS

RK15 Datasheet PDF - GREATECS
Part # RK15
Download  RK15 Download
File Size   349.45 Kbytes
Page   2 Pages
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS
Description Sub-Miniature Rocker Switches

RK15 Datasheet (PDF)

Go To PDF Page Download Datasheet
RK15 Datasheet PDF - GREATECS

Part # RK15
Download  RK15 Click to download

File Size   349.45 Kbytes
Page   2 Pages
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS
Description Sub-Miniature Rocker Switches

RK15 Datasheet (HTML) - GREATECS


RK15 Product details

General Specifications:

MATERIALS

» Movable Contact & Fixed Terminals:

   AG, GT, UG & UGT: Silver plated over copper alloy

   AU & UT: Gold over nickel plated over copper alloy



MECHANICAL

» Operating Temperature: -30°C to +85°C

» Mechanical Life: 30,000 cycles



CONTACT RATING

» AG, GT, UG & UGT: 3A120VAC/28VDC

                             1A250VAC

» AU & UT: 0.4VA max. 20V max. (AC/DC)



ELECTRICAL

» Contact Resistance: 20mΩ max. initial @ 2-4VDC

   100mA for silver & gold plated contacts

» Insulation Resistance: 1,000MΩ min.



 




Similar Part No. - RK15

ManufacturerPart #DatasheetDescription
logo
Greenlee Communications
RK1550 GREENLEE-RK1550 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
More results


Similar Description - RK15

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
ES40-R DBLECTRO-ES40-R Datasheet
271Kb / 3P
Sealed Sub-Miniature Rocker Switches
logo
GREATECS
RK16 GREATECS-RK16 Datasheet
328Kb / 2P
Sealed Sub-Miniature Rocker Switches
RK17 GREATECS-RK17 Datasheet
990Kb / 2P
Sealed Sub-Miniature SMT Rocker Switches SPDT
logo
E-SWITCH
400 E-SWITCH-400 Datasheet
699Kb / 5P
ROCKER SWITCHES - SUB-MINIATURE
400A E-SWITCH-400A Datasheet
485Kb / 5P
ROCKER SWITCHES - SUB-MINIATURE
logo
Grayhill, Inc
47CMSP1R2M6RT GRAYHILL-47CMSP1R2M6RT Datasheet
142Kb / 3P
Sub-Miniature Rocker Switches
47DWMSP1R2M6RT GRAYHILL-47DWMSP1R2M6RT Datasheet
146Kb / 3P
Sealed Sub-Miniature Rocker Switches
logo
List of Unclassifed Man...
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
Miniature Rocker Switches
HLA COPAL-HLA Datasheet
557Kb / 6P
Miniature Rocker Switches
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com