Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZN4478 Datasheet (PDF) - Solid States Devices, Inc

SZN4478 Datasheet PDF - Solid States Devices, Inc
Part # SZN4478
Download  SZN4478 Download
File Size   125.43 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 3.3 ??200 VOLTS ZENER DIODES

SZN4478 Datasheet (PDF)

Go To PDF Page Download Datasheet
SZN4478 Datasheet PDF - Solid States Devices, Inc

Part # SZN4478
Download  SZN4478 Click to download

File Size   125.43 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 3.3 ??200 VOLTS ZENER DIODES

SZN4478 Datasheet (HTML) - Solid States Devices, Inc


SZN4478 Product details

1.5 WATT 3.3 – 200 VOLTS ZENER DIODES



FEATURES:

Hermetically Sealed in Glass

Rated at 1.5 W

Available in Axial, Round Tab Surface Mount (SM), and Square Tab Surface Mount (SMS) version

Available to TX, TXV, and Space Levels7/

Tolerances of 5%, 2%, or 1% Available.

Replaces 1N4460 – 4496 and 1N6485 - 6491




Similar Part No. - SZN4478

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZN4460 SSDI-SZN4460 Datasheet
125Kb / 2P
1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
More results


Similar Description - SZN4478

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5333B MOTOROLA-1N5333B Datasheet
87Kb / 6P
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Solid States Devices, I...
SZ1A3.3 SSDI-SZ1A3.3 Datasheet
111Kb / 2P
1.0W and 1.5W 3.3 - 100 VOLTS ZENER DIODES
SZ1A3.3 SSDI-SZ1A3.3_1 Datasheet
122Kb / 2P
3.3 ??100 VOLTS ZENER DIODES
SZ5A2.4 SSDI-SZ5A2.4_1 Datasheet
131Kb / 2P
2.4 ??200 VOLTS ZENER DIODES
SZN5913 SSDI-SZN5913 Datasheet
118Kb / 2P
3.3 ??200 VOLTS ZENER DIODES
SZN6309 SSDI-SZN6309 Datasheet
180Kb / 4P
2.4 ??200 VOLTS ZENER DIODES
logo
Central Semiconductor C...
1N5913B CENTRAL-1N5913B Datasheet
347Kb / 2P
SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
logo
New Jersey Semi-Conduct...
1N5333A NJSEMI-1N5333A Datasheet
204Kb / 1P
5-WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Solid States Devices, I...
Z00008G SSDI-Z00008G Datasheet
125Kb / 2P
1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
Z00012C SSDI-Z00012C Datasheet
118Kb / 2P
1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com