Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP1S1KSTB Datasheet (PDF) - GREATECS

TP1S1KSTB Datasheet PDF - GREATECS
Part # TP1S1KSTB
Download  TP1S1KSTB Download
File Size   163.83 Kbytes
Page   2 Pages
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS
Description Standard 6 x 6 mm Tactile Switches

TP1S1KSTB Datasheet (PDF)

Go To PDF Page Download Datasheet
TP1S1KSTB Datasheet PDF - GREATECS

Part # TP1S1KSTB
Download  TP1S1KSTB Click to download

File Size   163.83 Kbytes
Page   2 Pages
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS
Description Standard 6 x 6 mm Tactile Switches

TP1S1KSTB Datasheet (HTML) - GREATECS




Similar Part No. - TP1S1KSTB

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TP1SMA5914BT3G TECHPUBLIC-TP1SMA5914BT3G Datasheet
1Mb / 4P
Silicon Planar Zener Diodes
TP1SMA5915BT3G TECHPUBLIC-TP1SMA5915BT3G Datasheet
1Mb / 4P
Silicon Planar Zener Diodes
TP1SMA5916BT3G TECHPUBLIC-TP1SMA5916BT3G Datasheet
1Mb / 4P
Silicon Planar Zener Diodes
TP1SMA5917BT3G TECHPUBLIC-TP1SMA5917BT3G Datasheet
1Mb / 4P
Silicon Planar Zener Diodes
TP1SMA5918BT3G TECHPUBLIC-TP1SMA5918BT3G Datasheet
1Mb / 4P
Silicon Planar Zener Diodes
More results


Similar Description - TP1S1KSTB

ManufacturerPart #DatasheetDescription
logo
Bi technologies
SWT3-G BITECH-SWT3-G Datasheet
356Kb / 5P
Tactile Switches, 6 X 3.5 mm RoHS Compliant SMD
SWTW BITECH-SWTW Datasheet
232Kb / 6P
Tactile Switches 6 x 6 mm and 8 x 8mm Sealed, Washable RoHS Compliant
logo
GREATECS
TP2 GREATECS-TP2 Datasheet
159Kb / 1P
6 x 6 mm THT Tactile Switches with Ground Terminal
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
6 x 6 mm Washable Tactile Switches
TP4 GREATECS-TP4 Datasheet
149Kb / 1P
Standard 12 x 12 mm Tactile Switches
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
6 x 3.5 mm Tactile Switches
logo
Tyco Electronics
2-1437565-7 MACOM-2-1437565-7 Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
4-1437565-2 MACOM-4-1437565-2 Datasheet
292Kb / 8P
Tactile Switches, .138 [3.5] x .236 [6], Through Hole
logo
TT Electronics.
SWT3 TTELEC-SWT3 Datasheet
359Kb / 5P
Model SWT3 Tactile Switches, 6 X 3.5 mm RoHS Compliant SMD
SWTW TTELEC-SWTW Datasheet
170Kb / 6P
Tactile Switches 6 x 6 mm and 8 x 8mm Sealed, Washable RoHS Compliant
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com