Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

115S5VFS Datasheet (PDF) - Make-Ps

115S5VFS Datasheet PDF - Make-Ps
Part # 115S5VFS
Download  115S5VFS Download
File Size   176.48 Kbytes
Page   4 Pages
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps
Description Single & Dual Output DC/DC Converter

115S5VFS Datasheet (PDF)

Go To PDF Page Download Datasheet
115S5VFS Datasheet PDF - Make-Ps

Part # 115S5VFS
Download  115S5VFS Click to download

File Size   176.48 Kbytes
Page   4 Pages
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps
Description Single & Dual Output DC/DC Converter

115S5VFS Datasheet (HTML) - Make-Ps


115S5VFS Product details

DESCRIPTIONS

The 100VFS 1 Watt DC/DC’s are specially designed to provide ultra-high levels of isolation 3000VDC in a miniature SIP package. The series consists of 27 models with input voltages of 5V, 12V and 24V, and offers standard output voltages of 3.3V, 5V, 9V, 12V, 15V, ±5V, ±9V, ±12V, and ±15V for a wide choice.

The 100VFS series is an excellent selection for a variety of applications including distributed power systems, mixed analog/digital subsystems, portable test equipment, local power networks and battery backed systems.



FEATURES

• HIGH ISOLATION - 3000 VDC

• Up to 81 % Efficiency

• Single and Dual Output, 1 watt converter

• Available in 5, 12, and 24 VDC Inputs

• Miniature Package

• SMT Technology



 




Similar Part No. - 115S5VFS

ManufacturerPart #DatasheetDescription
logo
Make-Ps
115S5VFI MAKE-PS-115S5VFI Datasheet
197Kb / 4P
Single & Dual Output DC/DC Converter
More results


Similar Description - 115S5VFS

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
200HFR MAKE-PS-200HFR Datasheet
246Kb / 4P
Single & Dual Output DC/DC Converter
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
Single & Dual Output DC/DC Converter
1000WFR MAKE-PS-1000WFR Datasheet
161Kb / 3P
Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com