Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

800 Datasheet (PDF) - Make-Ps

800 Datasheet PDF - Make-Ps
Part # 800
Download  800 Download
File Size   169.04 Kbytes
Page   3 Pages
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps
Description Single, Dual, Triple Output DC/DC Converter

800 Datasheet (PDF)

Go To PDF Page Download Datasheet
800 Datasheet PDF - Make-Ps

Part # 800
Download  800 Click to download

File Size   169.04 Kbytes
Page   3 Pages
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps
Description Single, Dual, Triple Output DC/DC Converter

800 Datasheet (HTML) - Make-Ps


800 Product details

DESCRIPTIONS
The 800 series is family of miniature, high performance and high reliability DC/DC converters. The 800 series operates over 2:1 input voltage ranges of 9 to 18, 18 to 36 or 36 to 72VDC; providing single, dual and triple output combinations of 5, 12, 15, ±5, ±12, ±15, 5/±12 and 5/±15 VDC. Standard features include 500VDC input/output isolation, efficiency as high as 82%, tight line/load regulation and low output ripple and noise. All 24 models are packaged in compact, low profile 1” X 2” X 0.4” metal cases.

FEATURES
• Synchronization
• 6 sided Continuous Shielding
• 9.38W/In3 Power Density
• Efficiency to 82%
• VDE / EN 60950 Approved
• >1,000,000 Hours MTBF




Similar Part No. - 800

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
800 MICROSEMI-800 Datasheet
120Kb / 3P
RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 20-40 AMP, STANDARD HIGH EFFICIENCY, ESP
logo
Littelfuse
800 LITTELFUSE-800 Datasheet
78Kb / 1P
Panel Mount, Shocksafe 6.3x32mm Fuses
800 LITTELFUSE-800 Datasheet
78Kb / 1P
Panel Mount, Shocksafe 6.3x32mm Fuses
logo
Mill-Max Mfg. Corp.
800 MILL-MAX-800 Datasheet
184Kb / 1P
INTERCONNECTS .100??Grid (.030??dia.) Low Profile Headers & Versatile Sockets Single and Double Row
logo
E-SWITCH
800 E-SWITCH-800 Datasheet
725Kb / 5P
PUSHBUTTON SWITCHES - SUB-MINIATURE
More results


Similar Description - 800

ManufacturerPart #DatasheetDescription
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
Single & Dual Output DC/DC Converter
1500 MAKE-PS-1500 Datasheet
212Kb / 6P
Single, Dual, Triple Output DC/DC Converter
1600 MAKE-PS-1600 Datasheet
192Kb / 5P
Single, Dual, Triple Output DC/DC Converter
1600XA MAKE-PS-1600XA Datasheet
154Kb / 3P
Single, Dual, Triple Output DC/DC Converter
1800 MAKE-PS-1800 Datasheet
198Kb / 4P
Single, Dual, Triple Output DC/DC Converter
2000 MAKE-PS-2000 Datasheet
260Kb / 3P
Single, Dual, Triple Output DC/DC Converter
2100 MAKE-PS-2100 Datasheet
382Kb / 6P
Single, Dual, Triple Output DC/DC Converter
3000LP MAKE-PS-3000LP Datasheet
170Kb / 3P
Single, Dual, Triple Output DC/DC Converter
3000UR MAKE-PS-3000UR Datasheet
204Kb / 3P
Single, Dual, Triple Output DC/DC Converter
3000WFR MAKE-PS-3000WFR Datasheet
206Kb / 3P
Single, Dual, Triple Output DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com