Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16210 Datasheet (PDF) - Analog Devices

ADIS16210 Datasheet PDF - Analog Devices
Part # ADIS16210
Download  ADIS16210 Download
File Size   761.0 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Triaxial Inclinometer and Accelerometer with SPI

ADIS16210 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADIS16210 Datasheet PDF - Analog Devices

Part # ADIS16210
Download  ADIS16210 Click to download

File Size   761.0 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Triaxial Inclinometer and Accelerometer with SPI

ADIS16210 Datasheet (HTML) - Analog Devices


ADIS16210 Product details

GENERAL DESCRIPTION
The ADIS16210 iSensor® is a digital inclinometer system that provides precise measurements for both pitch and roll angles over a full orientation range of ±180°. It combines a MEMS triaxial acceleration sensor with signal processing, addressable user registers for data collection/programming, and a SPI-compatible serial interface. In addition, the production process includes unit specific calibration for optimal accuracy performance. It also offers digital temperature sensor and power supply measurements together with configuration controls for in-system calibration, sample rate, filtering, alarms, input/output (I/O) configuration, and power management.

FEATURES
   Triaxial, digital inclinometer system
      ±180° measurement range, roll and pitch axes
      ±90° gravity axis
      ±0.1° relative accuracy
   Triaxial, digital accelerometer, high accuracy
      ±1.7 g measurement range
      ±0.05° axis-to-axis alignment
   Digital internal temperature measurements
   Digital internal power supply measurements
   Programmable user calibration options
      Single command, frame alignment
      Manual accelerometer bias correction
   Programmable operation and control
      Sample rate/filtering
      Alarm conditions and indicator output
      Input/output: data ready, alarm, general-purpose
   Power management functions
   SPI-compatible serial interface
   Serial number and device ID
   Single-supply operation: 3.0 V to 3.6 V
   Calibrated temperature range: −40°C to +85°C
   15 mm × 24 mm × 15 mm package with flexible connector

APPLICATIONS
   Platform control, stabilization, and alignment
   Tilt sensing, inclinometers, and leveling
   Motion/position measurement
   Monitor/alarm devices (security, medical, safety)
   Navigation




Similar Part No. - ADIS16210

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16210 AD-ADIS16210 Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
ADIS16210PCBZ AD-ADIS16210PCBZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
More results


Similar Description - ADIS16210

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA610 VTI-SCA610 Datasheet
169Kb / 2P
Accelerometer/Inclinometer
logo
List of Unclassifed Man...
2430-002 ETC2-2430-002 Datasheet
519Kb / 3P
TRIAXIAL ANALOG ACCELEROMETER MODULE
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
TRIAXIAL DIGITAL ACCELEROMETER MODULE
logo
API Delevan
XL203A API-XL203A Datasheet
751Kb / 2P
Triaxial Analog Accelerometer
logo
VTI technologies
SCA610-C23H1A VTI-SCA610-C23H1A Datasheet
170Kb / 2P
Accelerometer/Inclinometer
logo
TE Connectivity Ltd
832M1 TEC-832M1 Datasheet
168Kb / 3P
Triaxial Piezoelectric Accelerometer
834M1 TEC-834M1 Datasheet
165Kb / 3P
Triaxial Piezoelectric Accelerometer
logo
Analog Devices
ADXL700 AD-ADXL700 Datasheet
87Kb / 2P
High Precision, Low-g, Digital Triaxial Accelerometer
logo
STI Vibration Monitorin...
CMCP760TT STI-CMCP760TT Datasheet
541Kb / 2P
Triaxial Accelerometer with Temperature Output
January 2023
CMCP1300ST-T STI-CMCP1300ST-T Datasheet
580Kb / 2P
Low-Cost Triaxial Accelerometer with Temperature
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com