Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7511W Datasheet (PDF) - Analog Devices

ADV7511W Datasheet PDF - Analog Devices
Part # ADV7511W
Download  ADV7511W Download
File Size   191.78 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 165 MHz, High Performance HDMI Transmitter 3D video support

ADV7511W Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7511W Datasheet PDF - Analog Devices

Part # ADV7511W
Download  ADV7511W Click to download

File Size   191.78 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 165 MHz, High Performance HDMI Transmitter 3D video support

ADV7511W Datasheet (HTML) - Analog Devices


ADV7511W Product details

GENERAL DESCRIPTION
The ADV7511W is a 165 MHz High-Definition Multimedia Interface (HDMI®) transmitter, which is ideal for automotive entertainment products including DVD players/recorders, digital set-top boxes, A/V receivers, gaming consoles, and PCs.
The digital video interface contains an HDMI v.1.4a/DVI v.1.0-compatible transmitter and supports all HDTV formats. The ADV7511W supports HDMI v1.4a-specific features (3D video and extended colorimetry) in addition to x.v.Color™, high bit rate audio, and programmable AVI InfoFrames. Internal HDCP keys allow the secure transmission of protected content as specified by the HDCP v.1.3 protocol.
The ADV7511W supports both SPDIF and 8-channel I2S audio. Its high fidelity 8-channel I2S can transmit either stereo or 7.1 surround audio up to 768 kHz. The SPDIF can carry compressed audio including Dolby® Digital, DTS®, and THX®. Fabricated in an advanced CMOS process, the ADV7511W is provided in a 64-lead LQFP surface-mount plastic package with exposed paddle and is specified over the −40°C to +105°C temperature range.

FEATURES
   General
      Incorporates HDMI v.1.4a features
         3D video support
         Extended colorimetry
      165 MHz supports all video formats up to 1080p and UXGA
      Supports gamut metadata packet transmission
      Integrated CEC buffer/controller
      Compatible with DVI v.1.0 and HDCP v.1.3
      Video/audio inputs accept logic levels from 1.8 V to 3.3 V
   Digital video
      3D video ready
      Programmable 2-way color space converter
      Supports RGB, YCbCr, and DDR
      Supports ITU656-based embedded syncs
      Automatic input video format timing detection (CEA-861-E)
   Digital audio
      Supports standard SPDIF for stereo LPCM or compressed audio up to 192 kHz
      High bit-rate audio (HBR)
      8-channel uncompressed LPCM I2S audio up to 192 kHz
   Special features for easy system design
      On-chip MPU with I2C master to perform HDCP operations and EDID reading operations
      5 V tolerant I2C and HPD I/Os, no extra device needed
      No audio master clock needed for supporting SPDIF and I2S
      On-chip MPU reports HDMI events through interrupts and registers
      Qualified for automotive applications
  
APPLICATIONS
   Automotive infotainment
      Gaming consoles
      PCs
      DVD players and recorders
      Digital set-top boxes
      A/V receivers




Similar Part No. - ADV7511W

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7511W AD-ADV7511W Datasheet
199Kb / 12P
165 MHz, High Performance HDMI Transmitter
6/12-Rev. 0 to Rev. A
ADV7511WBSWZ AD-ADV7511WBSWZ Datasheet
199Kb / 12P
165 MHz, High Performance HDMI Transmitter
6/12-Rev. 0 to Rev. A
ADV7511WBSWZ-RL AD-ADV7511WBSWZ-RL Datasheet
199Kb / 12P
165 MHz, High Performance HDMI Transmitter
6/12-Rev. 0 to Rev. A
ADV7511W AD-ADV7511W_12 Datasheet
199Kb / 12P
165 MHz, High Performance HDMI Transmitter
6/12-Rev. 0 to Rev. A
More results


Similar Description - ADV7511W

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9389 AD-AD9389 Datasheet
908Kb / 48P
800 MHz High Performance HDMI/DVI Transmitter
1/06-Revision 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
High Performance HDMI/DVI Transmitter
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
High Performance HDMI/DVI Transmitter
4/07-Revision 0
ADV7511 AD-ADV7511 Datasheet
94Kb / 2P
225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ-P AD-ADV7511KSTZ-P Datasheet
94Kb / 2P
225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ AD-ADV7511KSTZ Datasheet
94Kb / 2P
225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
AD9389 AD-AD9389_15 Datasheet
1Mb / 48P
800 MHz High Performance HDMI/DVI Transmitter
REV. 0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
High Performance HDMI/DVI Transmitter
REV. 0
ADV7511W AD-ADV7511W_12 Datasheet
199Kb / 12P
165 MHz, High Performance HDMI Transmitter
6/12-Rev. 0 to Rev. A
ADV7513 AD-ADV7513_14 Datasheet
199Kb / 12P
165 MHz, High Performance HDMI Transmitter
5/14-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com