Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF080101S Datasheet (PDF) - Infineon Technologies AG

PTF080101S Datasheet PDF - Infineon Technologies AG
Part # PTF080101S
Download  PTF080101S Download
File Size   172.75 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Thermally-Enhanced High Power RF LDMOS FET 10 W, 860 - 960 MHz

PTF080101S Datasheet (PDF)

Go To PDF Page Download Datasheet
PTF080101S Datasheet PDF - Infineon Technologies AG

Part # PTF080101S
Download  PTF080101S Click to download

File Size   172.75 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Thermally-Enhanced High Power RF LDMOS FET 10 W, 860 - 960 MHz

PTF080101S Datasheet (HTML) - Infineon Technologies AG


PTF080101S Product details

Description
The PTF080101 is a 10 W, internally matched GOLDMOS FET intended for EDGE applications in the 860 to 960 MHz band. Full gold metallization ensures excellent device lifetime and reliability.

Features
• Broadband internal matching
• Typical EDGE performance
  - Average output power = 4.0 W
  - Gain = 19 dB
  - Efficiency = 31%
• Typical CW performance
  - Output power at P–1dB = 13 W
  - Gain = 18 dB
- Efficiency = 55%
• Integrated ESD protection: Human Body Model, Class 1 (minimum)
• Excellent thermal stability
• Low HCI drift
• Capable of handling 10:1 VSWR @ 28 V, 10 W (CW) output power




Similar Part No. - PTF080101S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF080101S INFINEON-PTF080101S Datasheet
64Kb / 4P
LDMOS RF POWER FIELD EFFECT TRANSISTOR 10W, 860-960MHZ
2004-03-08
More results


Similar Description - PTF080101S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA043002E INFINEON-PTFA043002E Datasheet
305Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 300 W, 470 ??860 MHz
Rev. 03.1, 2009-02-20
PTFA091503EL INFINEON-PTFA091503EL Datasheet
627Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 920-960 MHz
Rev. 03, 2010-08-11
PTFB091802FC INFINEON-PTFB091802FC_16 Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
Rev. 02.1, 2016-06-10
PTFB091507FH INFINEON-PTFB091507FH_16 Datasheet
1,015Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
Rev. 03.1, 2016-06-09
PTFA091503EL INFINEON-PTFA091503EL_16 Datasheet
766Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 920 ??960 MHz
Rev. 04, 2016-06-16
PTRA094808NF INFINEON-PTRA094808NF Datasheet
463Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 480 W, 48 V, 859 ??960 MHz
Rev. 03, 2017-08-21
PTVA092407NF INFINEON-PTVA092407NF Datasheet
434Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
Rev. 02.4, 2017-02-07
logo
Cree, Inc
PTFB091507FH CREE-PTFB091507FH Datasheet
618Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
PTRA093818NF CREE-PTRA093818NF Datasheet
600Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
PTVA092407NF CREE-PTVA092407NF Datasheet
595Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com