Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF191601F Datasheet (PDF) - Infineon Technologies AG

PTF191601F Datasheet PDF - Infineon Technologies AG
Part # PTF191601F
Download  PTF191601F Download
File Size   206.33 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Thermally-Enhnaced High Power RF LDMOS FETs 160 W, 1930-1990 MHz

PTF191601F Datasheet (PDF)

Go To PDF Page Download Datasheet
PTF191601F Datasheet PDF - Infineon Technologies AG

Part # PTF191601F
Download  PTF191601F Click to download

File Size   206.33 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Thermally-Enhnaced High Power RF LDMOS FETs 160 W, 1930-1990 MHz

PTF191601F Datasheet (HTML) - Infineon Technologies AG


PTF191601F Product details

Description
The PTF191601E and PTF191601F are 160-watt, internally-matched GOLDMOS FETs intended for GSM EDGE and CDMA applications in the 1930 to 1990 MHz band. Thermally-enhanced packaging provides the coolest operation available. Full gold metallization ensures excellent device lifetime and reliability.

Features
• Thermally-enhanced packaging
• Broadband internal matching
• Typical EDGE performance
   - Average output power = 80 W
   - Gain = 14 dB
   - Efficiency = 35%
   - EVM = 2.5%
• Typical CW performance
   - Output power at P–1dB = 180 W
   - Gain = 13 dB
   - Efficiency = 47%
• Integrated ESD protection: Human Body
   Model, Class 1 (minimum)
• Excellent thermal stability
• Low HCI drift
• Capable of handling 10:1 VSWR @ 28 V,
   160 W (CW) output power




Similar Part No. - PTF191601F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF191601 INFINEON-PTF191601 Datasheet
61Kb / 4P
LDMOS RF Power Field Effect Transistor 160 W, 1930-1990 MHz
2004-03-17
PTF191601E INFINEON-PTF191601E Datasheet
61Kb / 4P
LDMOS RF Power Field Effect Transistor 160 W, 1930-1990 MHz
2004-03-17
More results


Similar Description - PTF191601F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF191601 INFINEON-PTF191601 Datasheet
61Kb / 4P
LDMOS RF Power Field Effect Transistor 160 W, 1930-1990 MHz
2004-03-17
PTFA192401E INFINEON-PTFA192401E Datasheet
431Kb / 11P
Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1930 ??1990 MHz
Rev. 02, 2009-04-01
PTFB191501E INFINEON-PTFB191501E Datasheet
295Kb / 15P
Thermally-Enhanced High Power RF LDMOS FETs 150 W, 1930 ??1990 MHz
Rev. 02, 2009-09-09
PTFA190451E INFINEON-PTFA190451E Datasheet
375Kb / 10P
Thermally-Enhanced High Power RF LDMOS FETs 45 W, 1930 - 1990 MHz
Rev. 03.1, 2009-02-20
PTFA191001E INFINEON-PTFA191001E Datasheet
256Kb / 11P
Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1930-1990 MHz
Rev. 04, 2007-10-31
PTFA192001E INFINEON-PTFA192001E Datasheet
285Kb / 11P
Thermally-Enhanced High Power RF LDMOS FETs 200 W, 1930-1990 MHz
Rev. 05, 2008-05-15
PTFB192503EL INFINEON-PTFB192503EL Datasheet
673Kb / 15P
Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1930-1990 MHz
Rev. 09, 2010-11-09
PTFB193404F INFINEON-PTFB193404F Datasheet
244Kb / 14P
Thermally-Enhanced High Power RF LDMOS FETs 340 W, 30 V, 1930-1990 MHz
Rev. 04, 2011-02-07
PTFB193404F INFINEON-PTFB193404F_16 Datasheet
665Kb / 14P
Thermally-Enhanced High Power RF LDMOS FETs 340 W, 30 V, 1930 ??1990 MHz
Rev. 05.2, 2016-06-14
logo
Cree, Inc
PTFB192503FL CREE-PTFB192503FL Datasheet
531Kb / 14P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 1930 ??1990 MHz
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com