Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA1885-X Datasheet (PDF) - PCA ELECTRONICS INC.

EPA1885-X Datasheet PDF - PCA ELECTRONICS INC.
Part # EPA1885-X
Download  EPA1885-X Download
File Size   24.2 Kbytes
Page   1 Pages
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.
Description Isolation Transformers

EPA1885-X Datasheet (PDF)

Go To PDF Page Download Datasheet
EPA1885-X Datasheet PDF - PCA ELECTRONICS INC.

Part # EPA1885-X
Download  EPA1885-X Click to download

File Size   24.2 Kbytes
Page   1 Pages
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.
Description Isolation Transformers

EPA1885-X Datasheet (HTML) - PCA ELECTRONICS INC.


EPA1885-X Product details

EPA1885-X & EPA1885-X-RC

• Designed for IEEE 802.3 and ECMA Requirements

• Available in Low Profile S.O.I.C. 16 Pin SMD Package

• Add “-RC” after part number for RoHS Compliant

• Hipot : both 2000 Vrms and 500 Vrms available in compliance with LAN’s Safety Requirements

• Storage Temperature : -40°C to +125°C

• Operating Temperature : 0°C to +70°C

• UL 94V-0 Recognized Materials



 




Similar Part No. - EPA1885-X

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA1885-X PCA-EPA1885-X Datasheet
3Mb / 91P
10Base-T Interface Module with Enhanced Common Mode Attenuation
More results


Similar Description - EPA1885-X

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA045-1 PCA-EPA045-1 Datasheet
18Kb / 1P
Starlan Isolation Transformers
EPE6303S PCA-EPE6303S Datasheet
47Kb / 1P
Media Isolation Transformers
logo
Coilcraft lnc.
CR7983 COILCRAFT-CR7983 Datasheet
320Kb / 1P
Isolation Transformers
JA4631 COILCRAFT-JA4631_13 Datasheet
122Kb / 1P
Isolation Transformers
PA6547 COILCRAFT-PA6547_15 Datasheet
315Kb / 1P
Isolation Transformers
logo
Pulse A Technitrol Comp...
PH9085.011NL PULSE-PH9085.011NL Datasheet
237Kb / 2P
Isolation Power Transformers
PH9385.011NL PULSE-PH9385.011NL Datasheet
356Kb / 2P
Isolation Power Transformers
PH9085.XXXNL PULSE-PH9085.XXXNL Datasheet
322Kb / 2P
Isolation Power Transformers
PH9384.XXXNL PULSE-PH9384.XXXNL Datasheet
620Kb / 2P
Isolation Power Transformers
PH9084.011NL PULSE-PH9084.011NL Datasheet
399Kb / 2P
Isolation Power Transformers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com