Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908AZ60 Datasheet (PDF) - Motorola, Inc

MC68HC908AZ60 Datasheet PDF - Motorola, Inc
Part # MC68HC908AZ60
Download  MC68HC908AZ60 Download
File Size   3989.02 Kbytes
Page   480 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HCMOS Microcontroller Unit

MC68HC908AZ60 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC908AZ60 Datasheet PDF - Motorola, Inc

Part # MC68HC908AZ60
Download  MC68HC908AZ60 Click to download

File Size   3989.02 Kbytes
Page   480 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HCMOS Microcontroller Unit

MC68HC908AZ60 Datasheet (HTML) - Motorola, Inc


MC68HC908AZ60 Product details

The MC68HC908AZ60 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs). The M68HC08 Family is based on the customer-specified integrated circuit (CSIC) design strategy. All MCUs in the family use the enhanced M68HC08 central processor unit (CPU08) and are available with a variety of modules, memory sizes and types, and package types.



Features

Features of the MC68HC908AZ60 include:

• High-Performance M68HC08 Architecture

• Fully Upward-Compatible Object Code with M6805, M146805, and M68HC05 Families

• 8.4 MHz Internal Bus Frequency

• 60 Kbytes of FLASH Electrically Erasable Read-Only Memory (FLASH)

• FLASH Data Security

• 1 Kbyte of On-Chip Electrically Erasable Programmable Read-Only Memory with Security Option (EEPROM)

• 2 Kbyte of On-Chip RAM

• Clock Generator Module (CGM)

• Serial Peripheral Interface Module (SPI)

• Serial Communications Interface Module (SCI)

• 8-Bit, 15-Channel Analog-to-Digital Converter (ADC-15)

• 16-Bit, 6-Channel Timer Interface Module (TIMA-6)

• Programmable Interrupt Timer (PIT)

• System Protection Features




Similar Part No. - MC68HC908AZ60

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC908AZ60A MOTOROLA-MC68HC908AZ60A Datasheet
3Mb / 576P
HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC908AZ60A FREESCALE-MC68HC908AZ60A Datasheet
4Mb / 414P
M68HC08 Microcontrollers
MC68HC908AZ60A FREESCALE-MC68HC908AZ60A Datasheet
2Mb / 414P
Microcontrollers
MC68HC908AZ60ACFU FREESCALE-MC68HC908AZ60ACFU Datasheet
4Mb / 414P
M68HC08 Microcontrollers
MC68HC908AZ60ACFU FREESCALE-MC68HC908AZ60ACFU Datasheet
2Mb / 414P
Microcontrollers
More results


Similar Description - MC68HC908AZ60

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC705KJ1 MOTOROLA-MC68HC705KJ1 Datasheet
1Mb / 144P
HCMOS Microcontroller Unit
MC68HC08AZ32A MOTOROLA-MC68HC08AZ32A Datasheet
3Mb / 456P
HCMOS Microcontroller Unit
MC68HC908RF2 MOTOROLA-MC68HC908RF2 Datasheet
1Mb / 254P
HCMOS Microcontroller Unit
MC68HC08JK1 MOTOROLA-MC68HC08JK1 Datasheet
2Mb / 198P
HCMOS Microcontroller Unit
MC68HC705JP7 MOTOROLA-MC68HC705JP7 Datasheet
3Mb / 242P
HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC08P4 FREESCALE-MC68HC08P4 Datasheet
6Mb / 96P
HCMOS MICROCONTROLLER UNIT
MC68HC05P9A FREESCALE-MC68HC05P9A Datasheet
1Mb / 158P
HCMOS Microcontroller Unit
MC68HC908AS60 FREESCALE-MC68HC908AS60 Datasheet
5Mb / 454P
HCMOS Microcontroller Unit
MC68HC05K0 FREESCALE-MC68HC05K0 Datasheet
1Mb / 154P
HCMOS Microcontroller Unit
MC68HC11K4 FREESCALE-MC68HC11K4 Datasheet
17Mb / 229P
HCMOS MICROCONTROLLER UNIT
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com