Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4206-4G Datasheet (PDF) - Infineon Technologies AG

TLE4206-4G Datasheet PDF - Infineon Technologies AG
Part # TLE4206-4G
Download  TLE4206-4G Download
File Size   362.96 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description H-Bridge Driver Headlight Beam Controller

TLE4206-4G Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4206-4G Datasheet PDF - Infineon Technologies AG

Part # TLE4206-4G
Download  TLE4206-4G Click to download

File Size   362.96 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description H-Bridge Driver Headlight Beam Controller

TLE4206-4G Datasheet (HTML) - Infineon Technologies AG


TLE4206-4G Product details

Description
The TLE 4206-4G is a protected H-Bridge Driver designed specifically for automotive headlight beam control applications with DC-brush motor loads. The part is built using Infineon’s bipolar high voltage power technology DOPL.

Features
• Ideal for manual and automatic-static headlight beam control applications with DC motor loads
• Delivers up to 0.8 A continuous
• Range low-voltage detection with hysteresis; Lower switch-off threshold @ 1.34V typ
• Low saturation voltage; typ.1.2 V total @ 25 °C; 0.4 A
• Output protected against short circuit
• Over temperature protection with hysteresis
• Over- and under voltage lockout
• Internal clamp diodes
• Thermally enhanced SO package
• Green Product (RoHS compliant)
• AEC Qualified




Similar Part No. - TLE4206-4G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4206-2G INFINEON-TLE4206-2G Datasheet
621Kb / 16P
1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
TLE4206-2G INFINEON-TLE4206-2G Datasheet
494Kb / 16P
1-A DC Motor Driver for Servo Driver Applications
V1.3, 2017-05-19
TLE4206-2G INFINEON-TLE4206-2G_17 Datasheet
494Kb / 16P
1-A DC Motor Driver for Servo Driver Applications
V1.3, 2017-05-19
More results


Similar Description - TLE4206-4G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9978DW VISHAY-SI9978DW Datasheet
165Kb / 6P
Configurable H-Bridge Driver
05-Apr-99
logo
Cherry Semiconductor Co...
CS3720 CHERRY-CS3720 Datasheet
159Kb / 4P
2A H-Bridge Driver
Rev. 5/4/99
logo
Freescale Semiconductor...
33186 FREESCALE-33186 Datasheet
302Kb / 21P
H-Bridge Driver
logo
Rohm
BD62222HFP ROHM-BD62222HFP Datasheet
284Kb / 11P
H-bridge driver
BD62321HFP ROHM-BD62321HFP Datasheet
259Kb / 11P
H-bridge driver
logo
Freescale Semiconductor...
33186 FREESCALE-33186_11 Datasheet
477Kb / 24P
H-Bridge Driver
MC33186DH1 FREESCALE-MC33186DH1 Datasheet
659Kb / 24P
H-Bridge Driver
MC33186VW2R2 FREESCALE-MC33186VW2R2 Datasheet
659Kb / 24P
H-Bridge Driver
logo
New Japan Radio
NJM2675 NJRC-NJM2675 Datasheet
300Kb / 8P
H BRIDGE DRIVER
logo
Energizer
INHD5L32H ENERGIZER-INHD5L32H Datasheet
613Kb / 1P
Brilliant Beam Headlight
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com