Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705 Datasheet (PDF) - Motorola, Inc

MC68HC705 Datasheet PDF - Motorola, Inc
Part # MC68HC705
Download  MC68HC705 Download
File Size   2215.22 Kbytes
Page   222 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HCMOS Microcontroller Unit

MC68HC705 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC705 Datasheet PDF - Motorola, Inc

Part # MC68HC705
Download  MC68HC705 Click to download

File Size   2215.22 Kbytes
Page   222 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HCMOS Microcontroller Unit

MC68HC705 Datasheet (HTML) - Motorola, Inc


MC68HC705 Product details

Introduction
The MC68HC705C8A, an enhanced version of the MC68HC705C8, is a member of the low-cost, high-performance M68HC05 Family of 8-bit microcontroller units (MCU). The MC68HSC705C8A, introduced in Appendix A. MC68HSC705C8A, is an enhanced, high-speed version of the MC68HC705C8A. The M68HC05 Family is based on the customer-specified integrated circuit (CSIC) design strategy. All MCUs in the family use the M68HC05 central processor unit (CPU) and are available with a variety of subsystems, memory sizes and types, and package types.

Features
Features of the MC68HC705C8A include:
• M68HC05 central processor unit (CPU)
• On-chip oscillator with crystal/ceramic resonator
• Memory-mapped input/output (I/O)
• Selectable memory configurations
• Selectable programmable and/or non-programmable computer operating properly (COP) watchdog timers
• Selectable port B external interrupt capability
• Clock monitor
• High current drive on pin C7 (PC7)
• 24 bidirectional I/O lines and 7 input-only lines
• Serial communications interface (SCI) system
• Serial peripheral interface (SPI) system
• Bootstrap capability
• Power-saving stop, wait, and data-retention modes
• Single 3.0-volt to 5.5-volt supply (2-volt data-retention mode)
• Fully static operation
• Software-programmable external interrupt sensitivity
• Bidirectional RESET pin




Similar Part No. - MC68HC705

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC705 MOTOROLA-MC68HC705 Datasheet
1Mb / 162P
Microcontrollers
MC68HC705 MOTOROLA-MC68HC705 Datasheet
1Mb / 144P
HCMOS Microcontroller Unit
MC68HC705B16 MOTOROLA-MC68HC705B16 Datasheet
1Mb / 298P
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcomputer Unit
logo
Freescale Semiconductor...
MC68HC705B16 FREESCALE-MC68HC705B16 Datasheet
3Mb / 302P
Microcontrollers
MC68HC705B16 FREESCALE-MC68HC705B16 Datasheet
2Mb / 302P
Microcontrollers
More results


Similar Description - MC68HC705

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC705KJ1 MOTOROLA-MC68HC705KJ1 Datasheet
1Mb / 144P
HCMOS Microcontroller Unit
MC68HC08AZ32A MOTOROLA-MC68HC08AZ32A Datasheet
3Mb / 456P
HCMOS Microcontroller Unit
MC68HC908RF2 MOTOROLA-MC68HC908RF2 Datasheet
1Mb / 254P
HCMOS Microcontroller Unit
MC68HC08JK1 MOTOROLA-MC68HC08JK1 Datasheet
2Mb / 198P
HCMOS Microcontroller Unit
MC68HC705JP7 MOTOROLA-MC68HC705JP7 Datasheet
3Mb / 242P
HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC08P4 FREESCALE-MC68HC08P4 Datasheet
6Mb / 96P
HCMOS MICROCONTROLLER UNIT
MC68HC05P9A FREESCALE-MC68HC05P9A Datasheet
1Mb / 158P
HCMOS Microcontroller Unit
MC68HC908AS60 FREESCALE-MC68HC908AS60 Datasheet
5Mb / 454P
HCMOS Microcontroller Unit
MC68HC05K0 FREESCALE-MC68HC05K0 Datasheet
1Mb / 154P
HCMOS Microcontroller Unit
MC68HC11K4 FREESCALE-MC68HC11K4 Datasheet
17Mb / 229P
HCMOS MICROCONTROLLER UNIT
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com