Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4254 Datasheet (PDF) - Infineon Technologies AG

TLE4254 Datasheet PDF - Infineon Technologies AG
Part # TLE4254
Download  TLE4254 Download
File Size   473.06 Kbytes
Page   21 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High Accuracy Low Dropout Voltage Tracking Regulator

TLE4254 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4254 Datasheet PDF - Infineon Technologies AG

Part # TLE4254
Download  TLE4254 Click to download

File Size   473.06 Kbytes
Page   21 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High Accuracy Low Dropout Voltage Tracking Regulator

TLE4254 Datasheet (HTML) - Infineon Technologies AG


TLE4254 Product details

Functional Description

The TLE4254 is a monolithic integrated low-dropout voltage tracking regulator with high accuracy in small PGDSO-8 packages. The IC is designed to supply off-board systems, e. g. sensors in powertrain management systems under the severe conditions of automotive applications. Therefore, the IC is equipped with additional protection functions against reverese polarity and short circuit to GND and battery.



Features

• 70 mA output current capability

• Very tight output tracking tolerance to reference

• Output voltage adjustable down to 2.0 V

• Stable operation with 1 µF ceramic output capacitor

• Flexibility of output voltage adjust higher or lower than reference, proportional to the reference voltage (version GA / EJ A)

• Status output to indicate short circuits at the output (version GS / EJ S)

• Very low dropout voltage of typ. 0.2 V @ maximum output current

• Combined reference / enable input

• Very low current consumption in OFF mode

• Wide input voltage range -20 V ≤ VI ≤ +45 V

• Wide temperature range: -40 °C ≤ Tj ≤ 150 °C

• Output protected against short circuit to GND and battery

• Input protected against reverse polarity

• Overtemperature protection

• Green product (RoHS compliant)

• AEC qualified



 




Similar Part No. - TLE4254

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4250-2 INFINEON-TLE4250-2 Datasheet
314Kb / 17P
Low Dropout Voltage Tracking Regulator
Rev. 1.0, July 2007
TLE4250-2G INFINEON-TLE4250-2G Datasheet
314Kb / 17P
Low Dropout Voltage Tracking Regulator
Rev. 1.0, July 2007
TLE4250G INFINEON-TLE4250G Datasheet
84Kb / 12P
Low-Drop Voltage Tracker
Rev. 2.2 2000-10-04
TLE4251 INFINEON-TLE4251 Datasheet
110Kb / 12P
Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
TLE4251 INFINEON-TLE4251 Datasheet
373Kb / 13P
Low Drop Voltage Tracker 400 mA output current capability
Rev. 2.9, 2007-03-20
More results


Similar Description - TLE4254

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9072 NSC-LM9072 Datasheet
477Kb / 15P
Dual Tracking Low-Dropout System Regulator
logo
Infineon Technologies A...
TLE4250-2 INFINEON-TLE4250-2 Datasheet
314Kb / 17P
Low Dropout Voltage Tracking Regulator
Rev. 1.0, July 2007
IFX21401 INFINEON-IFX21401 Datasheet
1Mb / 17P
Low Dropout Voltage Tracking Regulator
Rev. 1.01, 2009-10-19
logo
ON Semiconductor
NCP4686 ONSEMI-NCP4686 Datasheet
371Kb / 17P
400 mA, High Accuracy, Low Input Voltage, Low Dropout Regulator
May, 2011 ??Rev. 0
logo
Infineon Technologies A...
TLE4253 INFINEON-TLE4253 Datasheet
426Kb / 22P
Low Dropout Voltage Tracking Regulator
Rev. 1.2, November 2009
logo
Analog Devices
ADP3338AKCZ-2.5RL7 AD-ADP3338AKCZ-2.5RL7 Datasheet
295Kb / 16P
High Accuracy, Ultralow I Low Dropout Regulator
REV. B
logo
ON Semiconductor
NCP3334A ONSEMI-NCP3334A Datasheet
161Kb / 8P
Ultra High Accuracy Low Dropout Regulator
September, 2015 ??Rev. 1
NCV4250-2C ONSEMI-NCV4250-2C Datasheet
101Kb / 10P
Low Dropout Voltage Tracking Regulator
October, 2017 ??Rev. 0
NCV8537 ONSEMI-NCV8537_17 Datasheet
1Mb / 16P
High Accuracy Low Dropout Linear Regulator
October, 2017 ??Rev. 4
NCV4254C ONSEMI-NCV4254C Datasheet
192Kb / 14P
Low Dropout Voltage Tracking Regulator
November, 2018 ??Rev. 0
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com