Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1031UK Datasheet (PDF) - Seme LAB

D1031UK Datasheet PDF - Seme LAB
Part # D1031UK
Download  D1031UK Download
File Size   15.39 Kbytes
Page   2 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description METAL GATE RF SILICON FET

D1031UK Datasheet (PDF)

Go To PDF Page Download Datasheet
D1031UK Datasheet PDF - Seme LAB

Part # D1031UK
Download  D1031UK Click to download

File Size   15.39 Kbytes
Page   2 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description METAL GATE RF SILICON FET

D1031UK Datasheet (HTML) - Seme LAB


D1031UK Product details

GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 10W – 28V – 1GHz SINGLE ENDED



FEATURES

• SIMPLIFIED AMPLIFIER DESIGN

• SUITABLE FOR BROAD BAND APPLICATIONS

• VERY LOW Crss

• SIMPLE BIAS CIRCUITS

• LOW NOISE

• HIGH GAIN – 13 dB MINIMUM



APPLICATIONS

• HF/VHF/UHF COMMUNICATIONS from 1 MHz to 1 GHz




Similar Part No. - D1031UK

ManufacturerPart #DatasheetDescription
logo
G.M. International
D1031 GMI-D1031 Datasheet
307Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Transistor Output DIN-Rail Models D1031D, D1031Q
D1031DB GMI-D1031DB Datasheet
307Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Transistor Output DIN-Rail Models D1031D, D1031Q
D1031QB GMI-D1031QB Datasheet
307Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Transistor Output DIN-Rail Models D1031D, D1031Q
logo
eupec GmbH
D1031SH EUPEC-D1031SH Datasheet
253Kb / 10P
Fast Hard Drive Diod e
logo
Infineon Technologies A...
D1031SH INFINEON-D1031SH Datasheet
357Kb / 11P
Full blocking capability 50/60Hz over a wide temperature range
2015-04-01 Revision: 8.2
More results


Similar Description - D1031UK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1004UK SEME-LAB-D1004UK Datasheet
35Kb / 4P
METAL GATE RF SILICON FET
D1011UK SEME-LAB-D1011UK Datasheet
16Kb / 2P
METAL GATE RF SILICON FET
D1015UK SEME-LAB-D1015UK Datasheet
60Kb / 4P
METAL GATE RF SILICON FET
D1016UK SEME-LAB-D1016UK Datasheet
49Kb / 4P
METAL GATE RF SILICON FET
D1017UK SEME-LAB-D1017UK Datasheet
223Kb / 5P
METAL GATE RF SILICON FET
D1082UK SEME-LAB-D1082UK Datasheet
20Kb / 2P
METAL GATE RF SILICON FET
D1084UK SEME-LAB-D1084UK Datasheet
19Kb / 2P
METAL GATE RF SILICON FET
D1211UK SEME-LAB-D1211UK Datasheet
16Kb / 2P
METAL GATE RF SILICON FET
D1212UK SEME-LAB-D1212UK Datasheet
16Kb / 2P
METAL GATE RF SILICON FET
D5012UK SEME-LAB-D5012UK Datasheet
31Kb / 2P
METAL GATE RF SILICON FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com