Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2001 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

2SC2001 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 2SC2001
Download  2SC2001 Download
File Size   478.89 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description NPN Plastic Encapsulated Transistor

2SC2001 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2001 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 2SC2001
Download  2SC2001 Click to download

File Size   478.89 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description NPN Plastic Encapsulated Transistor

2SC2001 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


2SC2001 Product details

FEATURES
● High hFE and low VCE(sat)
     hFE(IC=100mA): 200(Typ)
     VCE(sat)(700mA): 0.2V(Typ)




Similar Part No. - 2SC2001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC2001 ETC-2SC2001 Datasheet
1Mb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
NEC
2SC2001 NEC-2SC2001 Datasheet
154Kb / 2P
NPN SILICON TRANSISTOR
logo
List of Unclassifed Man...
2SC2001 ETC1-2SC2001 Datasheet
41Kb / 1P
Medium Power Amplifiers and Switches
logo
TRANSYS Electronics Lim...
2SC2001 TEL-2SC2001 Datasheet
59Kb / 1P
Plastic-Encapsulated Transistors
logo
Dc Components
2SC2001 DCCOM-2SC2001 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results


Similar Description - 2SC2001

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
2SC2668 SECOS-2SC2668 Datasheet
140Kb / 2P
NPN Plastic-Encapsulated Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com