Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC835 Datasheet (PDF) - Infineon Technologies AG

XC835 Datasheet PDF - Infineon Technologies AG
Part # XC835
Download  XC835 Download
File Size   1367.59 Kbytes
Page   56 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-Bit Single-Chip Microcontroller

XC835 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC835 Datasheet PDF - Infineon Technologies AG

Part # XC835
Download  XC835 Click to download

File Size   1367.59 Kbytes
Page   56 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-Bit Single-Chip Microcontroller

XC835 Datasheet (HTML) - Infineon Technologies AG


XC835 Product details

The XC835/836 has the following features:

• High-performance XC800 Core

– compatible with standard 8051 processor

– two clocks per machine cycle architecture (for memory access without wait state)

– two data pointers

• On-chip memory

– 8 Kbytes of Boot ROM, Library ROM and User routines

– 256 bytes of RAM

– 256 bytes of XRAM

– 4/8 Kbytes of Flash (includes memory protection strategy)

• I/O port supply at 2.5 V - 5.5 V and core logic supply at 2.5 V (generated by embedded voltage regulator)

• Power saving modes

– idle mode

– power-down mode with wake-up capability via real-time clock event

– clock gating control to each peripheral

• Programmable 16-bit Watchdog Timer (WDT) running on independent oscillator with programmable window feature for refresh operation and warning prior to overflow

• Three general purpose I/O ports

– 4 high current I/O

– 2 high sink I/O

– Up to 25 pins as digital I/O

– Up to 8 pins as digital/analog input

• Up to 8 channels, 10-bit A/D Converter

– support up to 7 differential input channel

– results filtering by data reduction or digital low-pass filter, for up to 13-bit results

• Up to 8 channels, Out of range comparator

• Three 16-bit timers

– Timer 0 and Timer 1 (T0 and T1)

– Timer 2 (T2)

• Real-time clock with 32.768 kHz crystal pad

• 16-bit Vector Computer for Field-Oriented Control (FOC)

– Multiplication/Division Unit (MDU) for arithmetic calculation

– CORDIC Unit for trigonometric calculation

• Capture and Compare unit for PWM signal generation (CCU6)

• A full-duplex or half-duplex serial interface (UART)

• Synchronous serial channel (SSC)

• Inter-IC (IIC) serial interface

• LED and Touch-sense Controller (LEDTSCU)

• Software libraries to support fixed-point control and EEPROM emulation

• On-chip debug support via single pin DAP interface (SPD)

• Packages:

– PG-DSO-24

– PG-TSSOP-28

• Temperature range TA: – SAF (-40 to 85 °C)




Similar Part No. - XC835

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC835 INFINEON-XC835 Datasheet
2Mb / 57P
8-Bit Single-Chip Microcontroller
V1.4 2011-10
XC835M INFINEON-XC835M Datasheet
2Mb / 57P
8-Bit Single-Chip Microcontroller
V1.4 2011-10
XC835MT INFINEON-XC835MT Datasheet
2Mb / 57P
8-Bit Single-Chip Microcontroller
V1.4 2011-10
XC835T INFINEON-XC835T Datasheet
2Mb / 57P
8-Bit Single-Chip Microcontroller
V1.4 2011-10
XC835 INFINEON-XC835_11 Datasheet
2Mb / 57P
8-Bit Single-Chip Microcontroller
V1.4 2011-10
More results


Similar Description - XC835

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
8-Bit Single Chip Microcontroller
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
8-Bit Single-Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
SINGLE CHIP 8 BIT MICROCONTROLLER
logo
NEC
UPD78F9188CT NEC-UPD78F9188CT Datasheet
70Kb / 9P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB8032A SIEMENS-SAB8032A Datasheet
462Kb / 21P
8-Bit Single-Chip Microcontroller
logo
NEC
UPD78C18 NEC-UPD78C18 Datasheet
1Mb / 373P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
XC886 INFINEON-XC886_1 Datasheet
4Mb / 144P
8-Bit Single-Chip Microcontroller
V0.9, Dec. 2006
SAL-XC886CLM INFINEON-SAL-XC886CLM Datasheet
870Kb / 134P
8-Bit Single Chip Microcontroller
V1.0 2010-05
SAK-C505CA-4EMCA INFINEON-SAK-C505CA-4EMCA Datasheet
1Mb / 88P
8-Bit Single-Chip Microcontroller
Dec. 2000
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com