Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6784U Datasheet (PDF) - Microsemi Corporation

2N6784U Datasheet PDF - Microsemi Corporation
Part # 2N6784U
Download  2N6784U Download
File Size   193.73 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description N-CHANNEL MOSFET

2N6784U Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6784U Datasheet PDF - Microsemi Corporation

Part # 2N6784U
Download  2N6784U Click to download

File Size   193.73 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description N-CHANNEL MOSFET

2N6784U Datasheet (HTML) - Microsemi Corporation


2N6784U Product details

DESCRIPTION
This family of 2N6782, 2N6784 and 2N6786 switching transistors are military qualified up to the JANTXV level for high-reliability applications. These devices are also available in a low profile U-18 LCC surface mount package. Microsemi also offers numerous other transistor products to meet higher and lower power ratings with various switching speed requirements in both through-hole and surface-mount packages.

FEATURES
• JEDEC registered 2N6782, 2N6784 and 2N6786 number series.
• JAN, JANTX, and JANTXV qualifications are available per MIL-PRF-19500/556. (See part nomenclature for all available options.)
• RoHS compliant versions available (commercial grade only).

APPLICATIONS / BENEFITS
• Lightweight top-hat design with flexible terminals offers a variety of mounting flexibility.
• Military and other high-reliability applications.




Similar Part No. - 2N6784U

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6784 FAIRCHILD-2N6784 Datasheet
90Kb / 7P
2.25A, 200V, 1.500 Ohm, N-Channel Power MOSFET
logo
Seme LAB
2N6784 SEME-LAB-2N6784 Datasheet
15Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39 Metal Package
logo
New Jersey Semi-Conduct...
2N6784 NJSEMI-2N6784 Datasheet
264Kb / 2P
N-CHANNEL ENHANCEMENT-MODE
More results


Similar Description - 2N6784U

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com