Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCX19 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

BCX19 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # BCX19
Download  BCX19 Download
File Size   308.57 Kbytes
Page   1 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Plastic-Encapsulate Transistor

BCX19 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCX19 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # BCX19
Download  BCX19 Click to download

File Size   308.57 Kbytes
Page   1 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Plastic-Encapsulate Transistor

BCX19 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


BCX19 Product details

FEATURES
• Power dissipation PCM : 0.225 W (Tamb=25°C)
• Collector Current ICM : 0.5 A
• Collector-base voltage V(BR)CBO : 50 V
• Operating & storage junction temperature Tj, Tstg : - 55°C ~ + 150°C
• RoHS Compliant Product




Similar Part No. - BCX19

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX19 PHILIPS-BCX19 Datasheet
42Kb / 8P
NPN general purpose transistor
1999 Apr 12
logo
Zetex Semiconductors
BCX19 ZETEX-BCX19 Datasheet
36Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Fairchild Semiconductor
BCX19 FAIRCHILD-BCX19 Datasheet
44Kb / 3P
NPN Medium Power Transistor
logo
KEC(Korea Electronics)
BCX19 KEC-BCX19 Datasheet
122Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Diotec Semiconductor
BCX19 DIOTEC-BCX19 Datasheet
176Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results


Similar Description - BCX19

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SD2403Q SECOS-2SD2403Q Datasheet
297Kb / 2P
Plastic-Encapsulate Transistor
BCX70J SECOS-BCX70J Datasheet
446Kb / 3P
Plastic-Encapsulate Transistor
BFS20 SECOS-BFS20 Datasheet
104Kb / 1P
Plastic-Encapsulate Transistor
C945T SECOS-C945T Datasheet
524Kb / 2P
Plastic-Encapsulate Transistor
MPSA06 SECOS-MPSA06 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistor
BCX19 SECOS-BCX19_15 Datasheet
308Kb / 1P
Plastic-Encapsulate Transistor
BCX70J SECOS-BCX70J_15 Datasheet
446Kb / 3P
Plastic-Encapsulate Transistor
BCX70K SECOS-BCX70K_15 Datasheet
473Kb / 3P
Plastic-Encapsulate Transistor
BFS20 SECOS-BFS20_15 Datasheet
104Kb / 1P
Plastic-Encapsulate Transistor
MPSA06 SECOS-MPSA06_15 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com