Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2082UK Datasheet (PDF) - Seme LAB

D2082UK Datasheet PDF - Seme LAB
Part # D2082UK
Download  D2082UK Download
File Size   12.07 Kbytes
Page   1 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description TetraFET 40W - 28V - 1.0GHz

D2082UK Datasheet (PDF)

Go To PDF Page Download Datasheet
D2082UK Datasheet PDF - Seme LAB

Part # D2082UK
Download  D2082UK Click to download

File Size   12.07 Kbytes
Page   1 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description TetraFET 40W - 28V - 1.0GHz

D2082UK Datasheet (HTML) - Seme LAB




Similar Part No. - D2082UK

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
D208 VECTRON-D208 Datasheet
410Kb / 4P
OCXO Surface Mount Package Optional Reflow Process Compatible Optional AT-Cut and SC-Cut Crystal Options Low Profile Compact Package
logo
Seme LAB
D2081UK SEME-LAB-D2081UK Datasheet
25Kb / 3P
METAL GATE RF SILICON FET
D2083UK SEME-LAB-D2083UK Datasheet
11Kb / 1P
TetraFET 80W - 28V - 1.0GHz
D2084UK SEME-LAB-D2084UK Datasheet
13Kb / 1P
TetraFET 100W - 28V - 900MHz
D2085UK SEME-LAB-D2085UK Datasheet
13Kb / 1P
TetraFET 120W - 28V - 0.8GHz
More results


Similar Description - D2082UK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D2083UK SEME-LAB-D2083UK Datasheet
11Kb / 1P
TetraFET 80W - 28V - 1.0GHz
D2084UK SEME-LAB-D2084UK Datasheet
13Kb / 1P
TetraFET 100W - 28V - 900MHz
D2085UK SEME-LAB-D2085UK Datasheet
13Kb / 1P
TetraFET 120W - 28V - 0.8GHz
logo
STMicroelectronics
2N5641 STMICROELECTRONICS-2N5641 Datasheet
182Kb / 2P
7W / 20W / 40W, 28V, VHF POWER TRANSISTOR
logo
ADL Embedded Solutions
ADL945PC ADL-ADL945PC Datasheet
541Kb / 2P
Duo / Core Solo: 1.0GHz - 2.16GHz
logo
M/A-COM Technology Solu...
DU2840S MA-COM-DU2840S Datasheet
164Kb / 3P
RF Power MOSFET Transistor 40W, 2-175MHz, 28V
UF2840G MA-COM-UF2840G Datasheet
239Kb / 3P
RF Power MOSFET Transistor 40W, 100-500 MHz, 28V
UF2840P MA-COM-UF2840P Datasheet
197Kb / 3P
RF Power MOSFET Transistor 40W, 100-500 MHz, 28V
MRF166W MA-COM-MRF166W Datasheet
567Kb / 11P
The RF MOSFET Line 40W, 500MHz, 28V
MRF166W MA-COM-MRF166W Datasheet
567Kb / 11P
The RF MOSFET Line 40W, 500MHz, 28V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com