Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB1503 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

DB1503 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # DB1503
Download  DB1503 Download
File Size   729.83 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1.5 Amp Surface Mount Bridge Rectifiers

DB1503 Datasheet (PDF)

Go To PDF Page Download Datasheet
DB1503 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # DB1503
Download  DB1503 Click to download

File Size   729.83 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1.5 Amp Surface Mount Bridge Rectifiers

DB1503 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


DB1503 Product details

VOLTAGE 50 V ~ 1000 V 1.5 Amp Surface Mount Bridge Rectifiers



FEATURES

Low forward voltage drop, high current capability

Rating to 1000V PRV

Ideal for printed circuit board

Reliable low cost construction utilizing molded plastic technique results in inexpensive products

Lead tin Pb / Sn copper

The plastic material has UL flammability classification 94V-0




Similar Part No. - DB1503

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DB1503 SECOS-DB1503 Datasheet
183Kb / 2P
Surface Mount Bridge Rectifiers
DB1503S SECOS-DB1503S Datasheet
111Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
DB1503S SECOS-DB1503S Datasheet
155Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
DB1503S SECOS-DB1503S Datasheet
176Kb / 2P
Surface Mount Bridge Rectifiers
More results


Similar Description - DB1503

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DB1501S SECOS-DB1501S Datasheet
111Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_10 Datasheet
155Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
logo
Goodwork Semiconductor ...
DB151 GWSEMI-DB151 Datasheet
63Kb / 2P
SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
DB151S GWSEMI-DB151S Datasheet
66Kb / 2P
SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
DB1501 SECOS-DB1501_15 Datasheet
343Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_15 Datasheet
107Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
MD151S SECOS-MD151S_15 Datasheet
384Kb / 2P
1.5 Amp Surface Mount Bridge Rectifiers
logo
Nanjing International G...
DB151GS DGNJDZ-DB151GS Datasheet
112Kb / 2P
SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
DB151GS-DB157GS DGNJDZ-DB151GS-DB157GS Datasheet
150Kb / 2P
SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
DB151G DGNJDZ-DB151G Datasheet
193Kb / 2P
SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com